Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65818AFP Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button M65818AFP Datasheet HTML 22Page - Renesas Technology Corp M65818AFP Datasheet HTML 23Page - Renesas Technology Corp M65818AFP Datasheet HTML 24Page - Renesas Technology Corp M65818AFP Datasheet HTML 25Page - Renesas Technology Corp M65818AFP Datasheet HTML 26Page - Renesas Technology Corp M65818AFP Datasheet HTML 27Page - Renesas Technology Corp M65818AFP Datasheet HTML 28Page - Renesas Technology Corp M65818AFP Datasheet HTML 29Page - Renesas Technology Corp M65818AFP Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 26 of 38
Table (6-1-2). The Gain Data and Output Level
Gain Data
Polarity
Absolute Output Value
Output Level
10100/11111111 (b)
to
10001/10000000 (b)
to
10000/10000000 (b)
+
15.9375
to
1.0
to
0.5
+30.069dB
to
+6.021dB
to
0dB
01111/11111111 (b)
to
00000/10000000 (b)
to
00000/00000001 (b)
00000/00000000 (b)
0.498046875
to
0.5*
-16
to
0.00390625*2-16
infinity zero
-0.0340dB
to
-96.330dB
to
-138.474dB
-
∞
• Calculation method of Gain value.
The way to calculation of Gain value from Gain Data is following equation.
Gain value = 20log
[ 2
Mantissa data (decimal value)
128
X
] dB
<Index data (decimal value)-16>
• Soft Mute.
The Soft Mute function is executed by setting of Gain Data as 00000/00000000b
( "/" :means dividing point between index part and mantissa part).
The release from Soft Mute function must be executed by setting the gain data before soft mute.
The Soft Mute function and release from there don't have linear curve but
have characteristics of approximate exponential curve.
Output amplitude
16
T = xxxx/Fs(sec)
0t
T
T
0.5
00000/00000000b
10000/10000000b setting
\



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com