Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65818AFP Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button M65818AFP Datasheet HTML 21Page - Renesas Technology Corp M65818AFP Datasheet HTML 22Page - Renesas Technology Corp M65818AFP Datasheet HTML 23Page - Renesas Technology Corp M65818AFP Datasheet HTML 24Page - Renesas Technology Corp M65818AFP Datasheet HTML 25Page - Renesas Technology Corp M65818AFP Datasheet HTML 26Page - Renesas Technology Corp M65818AFP Datasheet HTML 27Page - Renesas Technology Corp M65818AFP Datasheet HTML 28Page - Renesas Technology Corp M65818AFP Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 25 of 38
Table (6-1-1b). Limit Value [In the case of 5bit mode System2 mode:bit17(NSOBIT)="H"]
DSLMT1
DSLMT2
Limit Value of Gain
PWM Output Value (Limit Value from
∆Σ
∆Σ
∆Σ
∆Σ Block)
L
L
±0.90625
31 values (±15)
H
L
±0.875
31 values (±15)
L
H
±0.84375
29 values (±14)
H
H
±0.8125
29 values (±14)
• Channel Selection for Gain Control Block (bit7,bit8:GCONT1 ,GCONT2 )
These bit selection enable to control gain data "L/R common" or "L/R independence".
GCONT1 :"L"…L/Rch common, "H"…L/Rch independence.
GCONT2 :"L"…Rch only, "H"…Lch only.
Bit8 is available only the case of `bit7 = "H"`.
• The index and Mantissa part of Gain Data. (bit12 -bit24,: GAIN0 -GAIN12 )
The Gain value is set from bit12 to bit24.
Index part: bit12 (MSB) to bit16(LSB)
Mantissa part: bit17 (MSB) to bit24 (LSB)
The Gain Data is assigned 13bits, composed of Index part 5bits and of Mantissa part 8bits,
The range of Index parts is following statements.
Index part: 10100b(16.0) to 10000b(1.0) to 00000b( 2
-16)
The range of mantissa part is following as statement.
Index part; 10100b to 00001b: Mantissa part; 11111111b to 10000000b (128 step/1 Index).
Index part;00000b: Mantissa part; 11111111b to00000000b (256 step).
Initial value: Index part: 10000b Mantissa part:10000000b
infinity zero: Index part: 00000b Mantissa part:00000000b
# Notice of GAIN value Setting continuously
In the case of GAIN value Setting continuously, for example of Setting L/Rch independently, please take the interval
time (pulse interval time of SCLATCH signal) more than 1/fso.For example, in the case of fso=48kHz, please take the
interval time more than 21µsec.
• The Gain Data and Audio Output Level.
Gain data consists of 13bits (Index part; 5bit, Mantissa part; 8bit ).
e.g. 10000b(1.0)/10000000b(0.5) means 0.5(0dB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com