Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65818AFP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M65818AFP Datasheet HTML 4Page - Renesas Technology Corp M65818AFP Datasheet HTML 5Page - Renesas Technology Corp M65818AFP Datasheet HTML 6Page - Renesas Technology Corp M65818AFP Datasheet HTML 7Page - Renesas Technology Corp M65818AFP Datasheet HTML 8Page - Renesas Technology Corp M65818AFP Datasheet HTML 9Page - Renesas Technology Corp M65818AFP Datasheet HTML 10Page - Renesas Technology Corp M65818AFP Datasheet HTML 11Page - Renesas Technology Corp M65818AFP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 8 of 38
Pin
No.
Name
I/O
Description
Output
Current
5V/3.3V
Signal Level
77
XfsoOUT
O
Buffered Output of Secondary Master Clock
(1024/512fso)
2mA
5V
78
XOVss
GND for Secondary Master Clock Buffer

79
VssR
GND for Rch PWM

80
VssR2+
GND for Rch PWM2(+)

4. Electrical Characteristics
Absolute Maximum Ratings
Parameter
Symbol
Min.
Typ.
Max
Unit
Conditions
Supply Voltage
PWMVdd
−0.3
6.0
V
5V XVdd, XOVdd, and Vdd (PWM).
BFVdd
−0.3
6.0
V
5.0V System
DVdd
−0.3
4.2
V
3.3V System
Input Voltage Range
Vi (5.0V)
−0.3
Vdd+0.3V
V
Vi (3.3V)
−0.3
Vdd+0.3V
V
Power Dissipation
Pd
600
mW
Ta=60
°C
Storage Temperature
Tstg
−40
125
°C
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max
Unit
Conditions
Supply Voltage
PWMVdd
4.5
5.0
5.5
V
5V XVdd, XOVdd, and Vdd (PWM).
BFVdd
4.5
5.0
5.5
V
5.0V function
3.0
3.3
3.6
V
3.3V function
DVdd
3.0
3.3
3.6
V
Operating Temperature
Ta
−20
75
°C
Operating Frequency
XFsoIN
16
50
MHz
XFsiIN
8
25
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com