Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65818AFP Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button M65818AFP Datasheet HTML 11Page - Renesas Technology Corp M65818AFP Datasheet HTML 12Page - Renesas Technology Corp M65818AFP Datasheet HTML 13Page - Renesas Technology Corp M65818AFP Datasheet HTML 14Page - Renesas Technology Corp M65818AFP Datasheet HTML 15Page - Renesas Technology Corp M65818AFP Datasheet HTML 16Page - Renesas Technology Corp M65818AFP Datasheet HTML 17Page - Renesas Technology Corp M65818AFP Datasheet HTML 18Page - Renesas Technology Corp M65818AFP Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 15 of 38
5.7. XfsiIN
64
XfsiIN pin is primary master clock input.
Frequency of primary master clock must be selected by the serial control "System2 mode:bit3".
bit3(IMCKSEL)
XfsiIN
H
512fsi
L
256fsi
• The relations between input signal sampling rate and master clock frequency.
Input sampling rate
Primary clock 512fsi/256fsi[Hz]
Secondary clock 1024fso/512fso[Hz]
1fsi: 32k / 2fsi: 64k / 4fsi: 128k
16.384M/8.192M
32.768M/16.384M
1fsi: 44.1k / 2fsi: 88.2k / 4fsi: 176.4k
22.579M/11.290M
1fsi: 48k / 2fsi: 96k / 4fsi: 192k
24.576M/12.288M
49.152M/24.576M
Input signal and primary clock are related to synchronization. The primary clock frequency are 512 or 256 times as
much as the input signal fsi ( 32k, 44.1k and 48k.)
The primary and secondary clock are related to independence. ( asynchronization )
At 1024fso setting, secondary clock= frequency range from 32.768MHz to 49.152MHz.
At 512fso setting, secondary clock = frequency range from 16.384MHz to 24.576MHz.
5.8. CKCTL1, CKCTL2, CKOUT1, CKOUT2, CKOUT3
56 57 65 66 67
CKOUT1, CKOUT2, and CKOUT3 pins are divided-clock output from secondary clock.
At power on, these frequency is free-running.
The states of CKCTL1 and CKCTL2 pins selects clock frequency of CKOUT1,CKOUT2,and CKOUT3 pins.
The setting table of CKCTL1 and CKCTL2 pins is shown below.
CKCTL1
CKCTL2
CKOUT1
CKOUT2
CKOUT3
L
L
LLL
L
H
256Fso
16Fso
8Fso
H
L
512Fso
256Fso
16Fso
H
H
512Fso
256Fso
8Fso
5.9. FsoCKO
73
FsoCKO is clock output pin of 1fso frequency. The output is divided-clock of XfsoIN, and frequency is free-running
at power on. FsoCKO pin's clock is utilized for a synchronization in case that have used plural M65818AFP,take a
synchronization between M65818AFP and other external devices.
Detail explanation is shown in next paragraph, "SYNC".
5.10. SYNC, FsoI, FsiI, SFLAG
42 74 46 72
M65818AFP synchronizes in clock input from the external source devices. So it makes synchronized operation between
source devices or another M65818AFP ( in case of Multi channel Operation )
The clock which can be set as the object of an synchronization is a clock of FsoI (1fso), FsiI (1fsi), LRCK (1/2/4 fsi),
and EXWCK (8fs). The object clock changes by input signal mode setting.
These relations are shown in following table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com