Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65818AFP Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button M65818AFP Datasheet HTML 25Page - Renesas Technology Corp M65818AFP Datasheet HTML 26Page - Renesas Technology Corp M65818AFP Datasheet HTML 27Page - Renesas Technology Corp M65818AFP Datasheet HTML 28Page - Renesas Technology Corp M65818AFP Datasheet HTML 29Page - Renesas Technology Corp M65818AFP Datasheet HTML 30Page - Renesas Technology Corp M65818AFP Datasheet HTML 31Page - Renesas Technology Corp M65818AFP Datasheet HTML 32Page - Renesas Technology Corp M65818AFP Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 29 of 38
Table 6-2-4 Fs Selection for De-emphasis filter (De-emphasis is "ON" except for bit9=L and bit10=L)
bit
Flag Name
32.0K
44.1K
48.0K
OFF
9EMPFS1
H
L
H
L
10
EMPFS2
H
H
L
L
Table 6-2-5 Selection of PWM Output form
bit
Flag Name
PWM Output
Form
PWM Output
Form
PWM Output
Form
PWM Output Form
22
PWMMODE0
L
H
L
H
23
PWMMODE1
L
L
H
H
*Output Form 2 is available only under following conditions.
MCKSEL="L" (Secondary Side Master Clock 1024fso) , Serial Control System2 mode,
bit17(
NSOBIT) = "H" (5bit), bit16( NSSPEED) = "L" (16fso).
In case of the setting and release for PWM Output Form 2,
Refer to "The NOTE1 at setting PWM output Form 2" on next page.
• Selection of Input format (bit3,bit4:IFMT0,IFMT1)
Refer to Table 6-2-1
Selection of Input format function is available only condition of `Normal` mode.
Otherwise, Selection of Input format function is unavailable under conditions of `External 8fs Input`
and `SACD Input` modes (Interlocked with MODE1 and MODE2 pins).
Detail setting of `External 8fs Input` and `SACD` modes are shown in Chapter 5-4 and 5-5.
• Setting of Input Word Length (bit5,bit6:IBIT0,IBIT1).
Refer to Table 6-2-
2.
Setting of Input Data Word Length is available only MSB First Right Justified.
• Selection of Input Sampling Rate (bit7,bit8:ISF0,ISF1).
Refer to Table 6-2-
3.
• Fs Selection for De-emphasis Filter on/off (bit9, bit10 : EMPFS1, EMPFS2).
Refer to Table 6-2-
4.
(bit9,bit10):
("L","L")…
De-emphasis Filter is "off".
except ("L","L")… De-emphasis Filter on (Fs setting).
• Zero Mute at data input (bit11: DF1IMUTE).
DF1IMUTE :
"L"…Mute release.
"H"…Mute.
The input data from DATA pin under normal mode is muted in this setting.
• Zero Mute at Sampling Rate Converter Input (bi12: DF2IMUTE).
DF2IMUTE :
"L"…Mute release.
"H"…Mute.
DF2IMUTE is available for sampling rate converter input data.
DF2IMUTE executes zero mute of input data from DATA pin under condition of `Normal` mode and
from DSDL/DSDR pins under condition of `SACD-fsi ` mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com