Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65818AFP Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button M65818AFP Datasheet HTML 12Page - Renesas Technology Corp M65818AFP Datasheet HTML 13Page - Renesas Technology Corp M65818AFP Datasheet HTML 14Page - Renesas Technology Corp M65818AFP Datasheet HTML 15Page - Renesas Technology Corp M65818AFP Datasheet HTML 16Page - Renesas Technology Corp M65818AFP Datasheet HTML 17Page - Renesas Technology Corp M65818AFP Datasheet HTML 18Page - Renesas Technology Corp M65818AFP Datasheet HTML 19Page - Renesas Technology Corp M65818AFP Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 16 of 38
M65818AFP detects rise edge of these synchronized clock in normal operation, and the M65818AFP does operation of
resynchronization in case that the cycle has changed.
In addition, the M65818AFP re-synchronizes for a synchronized clock, in case that M65818AFP detects SYNC pin's
rises edge, too.
This SYNC function exists also in serial control "System2 mode:bit6" under the same name.
While re-synchronizing, SFLAG pin outputs "H" and data is muted inside.
`Synchronization detection` clock
Input Signal Mode
Primary Side
Secondary Side
Normal
LRCK
FsoI
External 8fs Data
Primary Side Synchronization
EXWCK *
FsoI
Secondary Side Synchronization
FsoI
SACD-fsi
FsiI
FsoI
SACD-fso
FsoI
* Internal 8 dividing clock
In the case of using Multiplex(for multi channel application) and Single (for 2ch application) , detail explanation is
shown according to each "signal input mode" below.
• Normal Mode
<Multiplex use>
The primary side: It synchronizes with LRCK. All ICs synchronize with an input device by connecting common
LRCK.
The Secondary side: It synchronizes with FsoCKO of Master IC. One of M65818AFP becomes a master IC, and the
synchronization between ICs is carried out by FsoCKO of Master IC.
FsoCKO pin outputted from this master IC is entered each FsoI pins of master and slave ICs.
<Single use>
The primary side: It synchronizes with LRCK. Therefore M65818AFP synchronizes with source devices.
The secondary side: there is no need for external devices and other ICs to synchronize, therefore FsoCKO is
connected to FsoI, In other way, By setting secondary side asynchronous detection to "disable" with "ASYNCEN2"
flag(Serial Control,System2 mode,bit8), FsoI can also be considered as fixation.
In this mode, M65818AFP always perform synchronous detection between LRCK pin's clock in primary side.
Therefore with regardless to a setup by the serial control "System1 mode:bit16(ASYNCEN1)", the synchronous
detection perform as ` forced-enable`.
• External 8fs Data Mode (The case of primary side synchronization)
<Multiplex use>
The primary side: M65818AFP synchronizes with EXWCK (internal 8 dividing clock). All ICs synchronize with
an input device by connecting common EXWCK.
The secondary side: M65818AFP synchronizes with FsoCKO of Master IC. One of M65818AFP becomes a master
IC, and the synchronization between ICs is carried out by FsoCKO of Master IC.
FsoCKO pin outputted from this master IC is entered each FsoI pins of master and slave ICs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com