Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 30 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 26Page - Texas Instruments DAC5687IPZP Datasheet HTML 27Page - Texas Instruments DAC5687IPZP Datasheet HTML 28Page - Texas Instruments DAC5687IPZP Datasheet HTML 29Page - Texas Instruments DAC5687IPZP Datasheet HTML 30Page - Texas Instruments DAC5687IPZP Datasheet HTML 31Page - Texas Instruments DAC5687IPZP Datasheet HTML 32Page - Texas Instruments DAC5687IPZP Datasheet HTML 33Page - Texas Instruments DAC5687IPZP Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
www.ti.com
Register Name: DACA_GAIN_0— Address: 0x17, Default = 0x00
Register Name: DACB_GAIN_0— Address: 0x18, Default = 0x00
Register Name: DACA_DACB_GAIN_1— Address: 0x19, Default = 0xFF
Register Name: DAC_CLK_CNTL— Address: 0x1A, Default = 0x00
Register Name: ATEST— Address: 0x1B, Default = 0x00
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
qmc_phase(9:8): Bits 9:8 of the QMC phase word. Updates to this register do not take effect until
DACA_OFFSET_0 has been written.
qmc_gain_a(10:8) : Bits 10:8 of the QMC A path gain word. Updates to this register do not take effect until
DACA_OFFSET_0 has been written.
qmc_gain_b(10:8): Bits 10:8 of the QMC B path gain word. Updates to this register do not take effect until
DACA_OFFSET_0 has been written.
BIT 7
BIT 0
daca_gain(7:0)
0
0
0
0
0
0
0
0
daca_gain(7:0): Bits 7:0 of the DAC A gain adjustment word.
BIT 7
BIT 0
dacb_gain(7:0)
0
0
0
0
0
0
0
0
dacb_gain(7:0): Bits 7:0 of the DAC B gain adjustment word.
BIT 7
BIT 0
daca_gain(11:8)
dacb_gain(11:8)
1
1
1
1
1
1
1
1
daca_gain(11:8): Four MSBs of gain control for DACA.
dacb_gain(11:8): Bits 11:8 of the DAC B gain word. Four MSBs of gain control for DACB.
BIT 7
BIT 0
factory use only
0
0
0
0
0
0
0
0
Reserved for factory use only.
BIT 7
BIT 0
atest(4:0)
phstr_del(1:0)
unused
0
0
0
0
0
0
0
0
atest:
Can be used to enable clock output at the PLLLOCK pin according to Table 5. Pin EXTLO must be
open when atest (4:0) is not equal to 00000.
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com