Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 40 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 36Page - Texas Instruments DAC5687IPZP Datasheet HTML 37Page - Texas Instruments DAC5687IPZP Datasheet HTML 38Page - Texas Instruments DAC5687IPZP Datasheet HTML 39Page - Texas Instruments DAC5687IPZP Datasheet HTML 40Page - Texas Instruments DAC5687IPZP Datasheet HTML 41Page - Texas Instruments DAC5687IPZP Datasheet HTML 42Page - Texas Instruments DAC5687IPZP Datasheet HTML 43Page - Texas Instruments DAC5687IPZP Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
www.ti.com
ΣΣ
ΣΣ
13
13
qmb_offset
{−4096, −4095,
… , 4095 }
qma_offset
{−4096, −4095,
… , 4095 }
I
Q
Analog DAC Gain
I
fullscale +
16 V
extio
R
biasj
(GAINCODE
) 1)
16
B 1 *
FINEGAIN
3072
Clock Modes
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
Figure 42. DAC Offset Block
The full-scale DAC output current can be set by programming the daca_gain and dacb_gain registers. The DAC
gain value controls the full-scale output current.
where GAINCODE = daca_gain[11:8] or dacb_gain[11:8] is the coarse gain setting ( 0 to 15) and FINEGAIN =
daca_gain[7:0] or dacb_gain[7:0] (-128 to 127) is the fine gain setting.
In the DAC5687, the internal clocks (1x, 2x, 4x, and 8x as needed) for the logic, FIR interpolation filters, and
DAC are derived from a clock at either the input data rate using an internal PLL (PLL clock mode) or DAC output
sample rate (external clock mode). Power for the internal PLL blocks (PLLVDD and PLLGND) are separate from
the other clock generation blocks power (CLKVDD and CLKGND), thus minimizing phase noise within the PLL.
The DAC5687 has three clock modes for generating the internal clocks (1x, 2x, 4x, and 8x as needed) for the
logic, FIR interpolation filters, and DACs. The clock mode is set using the PLLVDD pin and dual_clk in register
CONFIG1.
1. PLLVDD = 0 V and dual_clk = 0: EXTERNAL CLOCK MODE
In EXTERNAL CLOCK MODE, the user provides a clock signal at the DAC output sample rate through
CLK2/CLK2C. CLK1/CLK1C and the internal PLL are not used. LPF and CLK1/CLK1C pins can be left
unconnected. The input data rate clock and interpolation rate are selected by the bits interp(1:0) in register
CONFIG0 and is output through the PLLLOCK pin. The PLLLOCK clock can be used to drive the input data
source (such as digital upconverter) that sends the data to the DAC. Note that the PLLLOCK delay relative to the
input CLK2 rising edge (td(PLLLOCK)) in Figure 43 and Figure 44) increases with increasing loads. The input data is
latched on either the rising (inv_plllock = 0) or falling edge (inv_plllock = 1) of PLLLOCK, which is sensed
internally at the output pin.
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com