Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 67 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 63Page - Texas Instruments DAC5687IPZP Datasheet HTML 64Page - Texas Instruments DAC5687IPZP Datasheet HTML 65Page - Texas Instruments DAC5687IPZP Datasheet HTML 66Page - Texas Instruments DAC5687IPZP Datasheet HTML 67Page - Texas Instruments DAC5687IPZP Datasheet HTML 68Page - Texas Instruments DAC5687IPZP Datasheet HTML 69Page - Texas Instruments DAC5687IPZP Datasheet HTML 70Page - Texas Instruments DAC5687IPZP Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 72 page
background image
www.ti.com
Application Example: Wide Bandwidth Direct Baseband to RF Conversion
B0043-01
y2
DAC
I
Q
RF
Processing
TRF3750
DAC5687
y2
y2
y2
DAC
Phase/
Gain/
Offset
Adjust
TRF3701
TRF3702
GC1115
and DPD
Processor
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
Table 17. Signal and System Properties for Complex IF System Example in Figure 76
Signal
Three WCDMA Carriers, Test Model 1
Baseband Carrier Offsets
-7.5 MHz, 2.5 MHz, 7.5 MHz
DAC5687 Input Rate
122.88 MSPS
DAC5687 Output Rate
491.52 MSPS (4x Interpolation)
DAC5687 Mode
X4 CMIX
DAC5687 Complex IF
122.88 MHz (fDAC/4)
LO Frequency
2140 MHz
The complex IF has several advantages over the real IF architecture such as:
1. Uncalibrated side-band suppression ~ 35 dBc compared to 0 dBc for real IF architecture.
2. Direct DAC - Complex mixer connection - no amplifiers
3. Non-harmonic clock-related spurious signals fall out-of-band
4. DAC 2nd Nyquist zone image is offset fDAC compared with fDAC - 2 x IF for a real IF architecture, reducing the
need for filtering at the DAC output.
5. Uncalibrated LO feed through for AQM is ~ 35 dBc and calibration can reduce or completely remove the LO
feed through.
A system example of the DAC5687 used in a wide bandwidth direct baseband to RF conversion is shown in
Figure 77. The DAC input would typically be generated by a crest factor reduction processor such as Texas
Instruments GC1115 and digital predistortion processor. With a complex baseband input, the DAC5687 would be
used to increase the data rate through interpolation. In addition, phase, gain and offset correction of the IQ
imbalance is possible using the QMC block, DAC gain and DAC offset features. The correction could be done
one time during manufacturing (see the TRF3701 data sheet (SLWS145) and the TRF3702 data sheet
(SLWS149)) for the variation with temperature, supply, LO frequency, etc. after calibration at nominal conditions)
or during operation with a separate feedback loop measuring imbalance in the RF signal.
Figure 77. Direct Conversion System Using DAC5687 in X4L Mode
Operating at baseband has the advantage that the DAC5687 output is insensitive to DAC sample clock phase
noise, so using the DAC PLL clock mode will have similar spectral performance to the External clock mode. In
addition, the non-harmonic clock-related spurious signals will be small due to the low DAC output frequency.
With a complex input rate specified up to 250 MSPS, the DAC5687 is capable of producing signals with up to
200-MHz bandwidth for systems such as digital predistortion (DPD).
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com