Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 1 Page - Texas Instruments

  DAC5687IPZP Datasheet HTML 1Page - Texas Instruments DAC5687IPZP Datasheet HTML 2Page - Texas Instruments DAC5687IPZP Datasheet HTML 3Page - Texas Instruments DAC5687IPZP Datasheet HTML 4Page - Texas Instruments DAC5687IPZP Datasheet HTML 5Page - Texas Instruments DAC5687IPZP Datasheet HTML 6Page - Texas Instruments DAC5687IPZP Datasheet HTML 7Page - Texas Instruments DAC5687IPZP Datasheet HTML 8Page - Texas Instruments DAC5687IPZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL
DIGITAL-TO-ANALOG CONVERTER (DAC)
•
500 MSPS
The DAC5687 is a dual-channel 16-bit high-speed
digital-to-analog converter (DAC) with integrated 2x,
•
Selectable 2x-8x Interpolation
4x, and 8x interpolation filters, a complex numerically
•
On-Chip PLL/VCO Clock Multiplier
controlled oscillator (NCO), on-board clock multiplier,
•
Full IQ Compensation Including Offset, Gain,
IQ compensation and on-chip voltage reference. The
and Phase
DAC5687 is pin compatible to the DAC5686, requir-
ing only changes in register settings for most appli-
•
Flexible Input Options:
cations, and offers additional features and superior
– FIFO With Latch on External or Internal
linearity, noise, crosstalk, and PLL phase noise per-
Clock
formance.
– Even/Odd Multiplexed Input
The DAC5687 has six signal processing blocks: two
– Single Port Demultiplexed Input
interpolate by two digital filters, fine frequency mixer
•
Complex Mixer With 32-Bit NCO
with 32-bit NCO, a quadrature modulation compen-
sation block, another interpolate by two digital filter
•
Fixed Frequency Mixer With Fs/4 and Fs/2
and a coarse frequency mixer with Fs/2 or Fs/4. The
•
1.8-V or 3.3-V I/O Voltage
different modes of operation enable or bypass the
•
On-Chip 1.2-V Reference
signal processing blocks.
•
Differential Scalable Output: 2 mA to 20 mA
The coarse and fine mixers can be combined to span
•
Pin Compatible to DAC5686
a wider range of frequencies with fine resolution. The
DAC5687 allows both complex or real output. Com-
•
High Performance
bining the frequency upconversion and complex out-
– 81-dBc ACLR WCDMA TM1 at 30.72 MHz
put produces a Hilbert Transform pair that is output
– 72-dBc ACLR WCDMA TM1 at 153.6 MHz
from the two DACs. An external RF quadrature
modulator then performs the final single sideband
•
Package: 100-Pin HTQFP
up-conversion.
The IQ compensation feature allows optimization of
•
Cellular Base Transceiver Station Transmit
phase, gain and offset to maximize sideband rejection
Channel
and minimize LO feedthrough for an analog quadra-
ture modulator.
– CDMA: W-CDMA, CDMA2000, TD-SCDMA
– TDMA: GSM, IS-136, EDGE/UWC-136
The DAC5687 includes several input options: single
port interleaved data, even and odd multiplexing at
– OFDM: 802.16
half rate, and an input FIFO with either external or
•
Cable Modem Termination System
internal clock to ease the input timing ambiguity when
the DAC5687 is clocked at the DAC output sample
rate.
ORDERING INFORMATION
TA
Package Device
100 HTQFP(1) (P&P) PowerPAD™
Plastic Quad FlatPack
-40°C to 85°C
DAC5687IPZP
(1)
Thermal Pad Size: 6 mm
× 6 mm.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC5687IPZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5687IPZP TI-DAC5687IPZP Datasheet
2Mb / 79P
16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687IPZPG4 TI-DAC5687IPZPG4 Datasheet
2Mb / 79P
16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687IPZPR TI-DAC5687IPZPR Datasheet
2Mb / 79P
16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687IPZPRG4 TI-DAC5687IPZPRG4 Datasheet
2Mb / 79P
16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

Similar Description - DAC5687IPZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5688 TI-DAC5688 Datasheet
1Mb / 47P
16-BIT, 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689 Datasheet
1Mb / 48P
16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5687IPZPR TI-DAC5687IPZPR Datasheet
2Mb / 79P
16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI1-DAC5688_14 Datasheet
1Mb / 57P
DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_15 Datasheet
1Mb / 56P
DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689_15 Datasheet
1Mb / 50P
16-BIT, 800 MSPS 2x??x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com