Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 5 Page - Texas Instruments

  DAC5687IPZP Datasheet HTML 1Page - Texas Instruments DAC5687IPZP Datasheet HTML 2Page - Texas Instruments DAC5687IPZP Datasheet HTML 3Page - Texas Instruments DAC5687IPZP Datasheet HTML 4Page - Texas Instruments DAC5687IPZP Datasheet HTML 5Page - Texas Instruments DAC5687IPZP Datasheet HTML 6Page - Texas Instruments DAC5687IPZP Datasheet HTML 7Page - Texas Instruments DAC5687IPZP Datasheet HTML 8Page - Texas Instruments DAC5687IPZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
THERMAL CHARACTERISTICS
(1)
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
TXENABLE has two purposes. In all modes, TXENABLE must be high for the DATA to the DAC to
be enabled. When TXENABLE is low, the digital logic section is forced to all 0, and any input data
presented to DA[15:0] and DB[15:0] is ignored. In interleaved data mode, when the qflag register
TXENABLE
33
I
bit is cleared, TXENABLE is used to synchronizes the data to channels A and B. The first data
after the rising edge of TXENABLE is treated as A data, while the next data is treated as B data,
and so on.
TESTMODE
97
I
TESTMODE is DGND for the user
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
AVDD(2)
–0.5 V to 4 V
DVDD(3)
–0.5 V to 2.3 V
Supply voltage range
CLKVDD(2)
–0.5 V to 4 V
IOVDD(2)
–0.5 V to 4 V
PLLVDD(2)
–0.5 V to 4 V
Voltage between AGND, DGND, CLKGND, PLLGND, and IOGND
–0.5 V to 0.5 V
AVDD to DVDD
–0.5 V to 2.6 V
DA[15..0](4)
–0.5 V to IOVDD + 0.5 V
DB[15..0](4)
–0.5 V to IOVDD + 0.5 V
SLEEP(4)
–0.5 V to IOVDD + 0.5 V
CLK1/2, CLK1/2C(3)
–0.5 V to CLKVDD + 0.5 V
Supply voltage range
RESETB(4)
–0.5 V to IOVDD + 0.5 V
LPF(4)
–0.5 V to PLLVDD + 0.5 V
IOUT1, IOUT2(2)
–1.0 V to AVDD + 0.5 V
EXTIO, BIASJ(2)
–0.5 V to AVDD + 0.5 V
EXTLO(2)
–0.5 V to IAVDD + 0.5 V
Peak input current (any input)
20 mA
Peak total input current (all inputs)
30 mA
TA
Operating free-air temperature range (DAC5687I)
–40°C to 85°C
Tstg
Storage temperature range
–65°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from the case for 10 seconds
260°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of these or any other conditions beyond those indicated under recommended operating conditions is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to AGND.
(3)
Measured with respect to DGND.
(4)
Measured with respect to IOGND.
over operating free-air temperature range (unless otherwise noted)
Thermal Conductivity
100 HTQFP
UNIT
TJ
Junction temperature(2)
105
°C
Theta junction-to-ambient (still air)
19.88
°C/W
θ
JA
Theta junction-to-ambient (150 lfm)
14.37
°C/W
θ
JC
Theta junction-to-case
0.12
°C/W
(1)
Air flow or heat sinking reduces
θ
JA and is highly recommended.
(2)
Air flow or heat sinking required for sustained operation at 85
°C and maximum operating conditions to maintain junction temperature.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com