Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 27 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 23Page - Texas Instruments DAC5687IPZP Datasheet HTML 24Page - Texas Instruments DAC5687IPZP Datasheet HTML 25Page - Texas Instruments DAC5687IPZP Datasheet HTML 26Page - Texas Instruments DAC5687IPZP Datasheet HTML 27Page - Texas Instruments DAC5687IPZP Datasheet HTML 28Page - Texas Instruments DAC5687IPZP Datasheet HTML 29Page - Texas Instruments DAC5687IPZP Datasheet HTML 30Page - Texas Instruments DAC5687IPZP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
www.ti.com
Register Name: SER_DATA_0— Address: 0x06, Default = 0x00
Register Name: SER_DATA_1— Address: 0x07, Default = 0x00
Register Name: BYPASS_MASK_CNTL— Address: 0x08, Default = 0x00
Register Name: NCO_FREQ_0— Address: 0x09, Default = 0x00
Register Name: NCO_FREQ_1— Address: 0x0A, Default = 0x00
Register Name: NCO_FREQ_2— Address: 0x0C, Default = 0x40
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
Table 4. Synchronization Source
sync_fifo (2:0)
Synchronization Source
000
txenable pin
001
phstr pin
010
qflag pin
011
db(15)
100
da(15) first transition (one shot)
101
Software sync using SIF write
110
Sync source disabled (always off)
111
Always on
BIT 7
BIT 0
dac_data(7:0)
0
0
0
0
0
0
0
0
dac_data(7:0): Lower 8 bits of DAC data input to the DACs when dac_ser_data is set.
BIT 7
BIT 0
dac_data(15:8)
0
0
0
0
0
0
0
0
dac_data(15:8): Upper 8 bits of DAC data input to the DACs when dac_ser_data is set.
BIT 7
BIT 0
fast__latch
bp_ invsinc
bp_fir3
bp_qmc
bp_fmix
bp_fir2
bp_fir1
nco_only
0
0
0
0
0
0
0
0
These modes are for factory use only – leave as default.
BIT 7
BIT 0
freq(7:0)
0
0
0
0
0
0
0
0
freq(7:0):
Bits 7:0 of the NCO frequency word.
BIT 7
BIT 0
freq(15:8)
0
0
0
0
0
0
0
0
freq(15:8):
Bits 15:8 of the NCO frequency word.
BIT 7
BIT 0
freq(23:16)
0
0
0
0
0
0
0
0
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com