Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 63 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 59Page - Texas Instruments DAC5687IPZP Datasheet HTML 60Page - Texas Instruments DAC5687IPZP Datasheet HTML 61Page - Texas Instruments DAC5687IPZP Datasheet HTML 62Page - Texas Instruments DAC5687IPZP Datasheet HTML 63Page - Texas Instruments DAC5687IPZP Datasheet HTML 64Page - Texas Instruments DAC5687IPZP Datasheet HTML 65Page - Texas Instruments DAC5687IPZP Datasheet HTML 66Page - Texas Instruments DAC5687IPZP Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
www.ti.com
Schematic and Layout Recommendations
Application Examples
Application Example: Real IF Radio
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
First, the location of the spurious signals is found for the X2 real output in Figure 67(b). One spurious signals is
present in the range 0 to 0.5
× f
DAC at 0.325 × fDAC (see Table 16). Consulting Figure 71(a), the raw amplitude for
fDAC/2 is 47 dBc. From Figure 72, the amplitude adjustment factor for fSIG = 0.175 x fDAC is estimated at ~ 6 dB,
and so the fDAC/2 and fDAC/4 is adjusted to 53 dBc.
Table 16. Example # 2 for Calculating Spurious Signals
Spurious Sig-
Frequency/fDAC
Frequency
Raw Amplitude (dBc)
Adjusted Amplitude (dBc)
nal
(MHz)
fDAC/2
0.325
130
47
53
The DAC5687 clock is sensitive to fast transitions of input data on pins DA0, DA1, and DA2 (55, 54, and 53) due
to coupling to DVDD pin 56. The noise-like spectral energy of the DA[0-2] couples into the DAC clock resulting in
increased jitter. This significantly improves by using a 10-
Ω resistor between DVDD and pin 56 in addition to
10-pF capacitor to DGND, as implemented on the DAC5687EVM (see the DAC5687 EVM user's guide -
SLWU017). Pin 56 draws only approximately 2 mA of current and the 0.02-V voltage drop across the resistor is
acceptable for DVDD voltages within the MINIMUM and MAXIMUM specifications. It is also recommended that
the transition rate of the input lines be slowed by inserting series resistors near the data source. The optimized
value of the series resistor depends on the capacitance of the trace between the series resistor and DAC5687
input pin. For a 2-3 inch trace, a 22-
Ω to 47-Ω resistor would be recommended.
The effect of DAC clock jitter on the DAC output signal is worse for signals at higher signal frequencies. For low
IF (< 75 MHz) or baseband signals, there is little degradation of the output signal. However, for high IF (> 75
MHz) the DAC clock jitter may result in an elevated noise floor, which often appears as broad humps in the DAC
output spectrum. It is recommended for signals above 75 MHz that the inputs to DA0 and DA1, which are the two
LSBs if input DA[0-15] is not reversed, not be connected to input data to prevent coupling to the DAC rate clock.
The decrease in resolution to 14-bits and increase in quantization noise will not significantly affect the DAC5687
SNR for signals > 75 MHz.
An system example of the DAC5687 used for a flexible real IF radio is shown in Figure 73. A complex baseband
input to the DAC would be generated by a digital upconverter such as Texas Instruments GC4116, GC5016, or
GC5316. The DAC5687 would be used to increase the data rate through interpolation and flexibly place the
output signal using the FMIX and/or CMIX blocks. Although the DAC5687 X4 mode is shown, any of the modes
(x2, x4L, or x8) would be appropriate.
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com