Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 7Page - Texas Instruments DAC5687IPZP Datasheet HTML 8Page - Texas Instruments DAC5687IPZP Datasheet HTML 9Page - Texas Instruments DAC5687IPZP Datasheet HTML 10Page - Texas Instruments DAC5687IPZP Datasheet HTML 11Page - Texas Instruments DAC5687IPZP Datasheet HTML 12Page - Texas Instruments DAC5687IPZP Datasheet HTML 13Page - Texas Instruments DAC5687IPZP Datasheet HTML 14Page - Texas Instruments DAC5687IPZP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
www.ti.com
Typical Characteristics
1
Code
−8
−6
−4
−2
0
2
4
6
8
0
10000 20000 30000 40000 50000 60000 70000
G001
Code
−6
−4
−2
0
2
4
6
0
10000 20000 30000 40000 50000 60000 70000
G002
f − Frequency − MHz
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
0
50
100
150
200
250
G003
fdata = 125 MSPS
fin = 20 MHz Real
IF = 20 MHz
y4 Interpolation
PLL Off
f − Frequency − MHz
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
0
50
100
150
200
250
G004
fdata = 125 MSPS
fin = −30 MHz Complex
IF = 95 MHz
y4L Interpolation
CMIX
PLL Off
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
ELECTRICAL CHARACTERISTICS (DIGITAL SPECIFICATIONS) (continued)
over recommended operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 3.3 V, IOVDD = 3.3 V,
DVDD = 1.8 V, IOUT
FS = 19.2 mA (unless otherwise noted)
DIGITAL SPECIFICATIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High impedance load on PLLLOCK. Note that
Delay from CLK2 rising edge to PLLLOCK
tdelay(Plllock)
PLLLOCK delay increases with a lower im-
4.5
ns
rising edge
pedance load.
Figure 1. Integral Nonlinearity
Figure 2. Differential Nonlinearity
Figure 3. Single Tone Spectral Plot
Figure 4. Single Tone Spectral Plot
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com