Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 32 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 28Page - Texas Instruments DAC5687IPZP Datasheet HTML 29Page - Texas Instruments DAC5687IPZP Datasheet HTML 30Page - Texas Instruments DAC5687IPZP Datasheet HTML 31Page - Texas Instruments DAC5687IPZP Datasheet HTML 32Page - Texas Instruments DAC5687IPZP Datasheet HTML 33Page - Texas Instruments DAC5687IPZP Datasheet HTML 34Page - Texas Instruments DAC5687IPZP Datasheet HTML 35Page - Texas Instruments DAC5687IPZP Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
www.ti.com
t(SCLKL)
SDENB
SCLK
SDIO
SDENB
SCLK
SDIO
Instruction Cycle
Data Transfer Cycle(s)
ts(SDENB)
t(SCLK)
th(SDIO)
ts(SDIO)
t(SCLKH)
A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0
N0
N1
R/W
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
[A4 : A3 : A2 : A1 : A0] Identifies the address of the register to be accessed during the read or write operation.
For multi-byte transfers, this address is the starting address. Note that the address is written to the
DAC5687 MSB first.
Figure 33 shows the serial interface timing diagram for a DAC5687 write operation. SCLK is the serial interface
clock input to the DAC5687. Serial data enable SDENB is an active low input to the DAC5687. SDIO is serial
data in. Input data to the DAC5687 is clocked on the rising edges of SCLK.
Figure 33. Serial Interface Write Timing Diagram
Figure 34 shows the serial interface timing diagram for a DAC5687 read operation. SCLK is the serial interface
clock input to the DAC5687. Serial data enable SDENB is an active low input to the DAC5687. SDIO is serial
data in during the instruction cycle. In 3-pin configuration, SDIO is data out from the DAC5687 during the data
transfer cycle(s), while SDO is in a high-impedance state. In 4-pin configuration, SDO is data out from the
DAC5687 during the data transfer cycle(s). At the end of the data transfer, SDO outputs low on the final falling
edge of SCLK until the rising edge of SDENB when it will 3-state.
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com