Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 26 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 22Page - Texas Instruments DAC5687IPZP Datasheet HTML 23Page - Texas Instruments DAC5687IPZP Datasheet HTML 24Page - Texas Instruments DAC5687IPZP Datasheet HTML 25Page - Texas Instruments DAC5687IPZP Datasheet HTML 26Page - Texas Instruments DAC5687IPZP Datasheet HTML 27Page - Texas Instruments DAC5687IPZP Datasheet HTML 28Page - Texas Instruments DAC5687IPZP Datasheet HTML 29Page - Texas Instruments DAC5687IPZP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
www.ti.com
Register Name: CONFIG3 — Address: 0x04, Default = 0x00
Register Name: SYNC_CNTL — Address: 0x05, Default = 0x00
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
Table 3. Coarse Mixer Sequences (continued)
cm_mode(3:0)
Mixing Mode
Sequence
0111
fDAC2
DAC A = {+A -A +A -A
…}
DAC B = {+B -B +B -B
…}
1000
fDAC/4
DAC A = {+A -B -A +B
…}
DAC B = {+B +A -B -A
…}
1001
fDAC/4
DAC A = {+A -B -A +B
…}
DAC B = {-B -A +B +A
…}
1010
fDAC/4
DAC A = {-A +B +A -B
…}
DAC B = {+B +A -B -A
…}
1011
fDAC/4
DAC A = {-A +B +A -B
…}
DAC B = {-B -A +B +A
…}
1100
-fDAC/4
DAC A = {+A +B -A -B
…}
DAC B = {+B -A -B +A
…}
1101
-fDAC/4
DAC A = {+A +B -A -B
…}
DAC B = {-B +A +B -A
…}
1110
-fDAC/4
DAC A = {-A -B +A +B
…}
DAC B = {+B -A -B +A
…}
1111
-fDAC/4
DAC A = {-A -B +A +B
…}
DAC B = {-B +A +B -A
…}
invsinc:
Enables the invsinc compensation filter when set.
BIT 7
BIT 0
sif_4pin
dac_ser_data
half_rate
Unused
usb
counter_mode(2:0)
0
0
0
0
0
0
0
0
sif_4pin:
Four-pin serial interface mode is enabled when set, 3-pin mode when cleared.
dac_ser_data: When set, both DAC A and DAC B input data is replaced with fixed data loaded into the 16 bit
serial interface ser_data register.
half_rate:
Enables half-rate input mode. Input data for the DAC A data path is input to the chip at half speed
using both the DA(15:0) and DB(15:0) input pins.
usb:
When set, the data to DACB is inverted to generate upper side band output.
counter_mode(2:0): Controls
the
internal
counter
that
can
be
used
as
the
DAC
data
source.
{0XX = off; 100 = all 16b; 101 = 7b LSBs; 110 = 5b MIDs; 111 = 5b MSBs}
BIT 7
BIT 0
sync_phstr
sync_nco
sync_cm
sync_fifo(2:0)
unused
unused
0
0
0
0
0
0
0
0
sync_phstr: When set, the internal clock divider logic is initialized with a PHSTR pin low-to-high transition.
sync_nco:
When set, the NCO phase accumulator is cleared with a PHSTR low-to-high transition.
sync_cm:
When set, the coarse mixer is initialized with a PHSTR low-to-high transition.
sync_fifo(2:0): Sync source selection mode for the FIFO. When a low-to-high transition is detected on the
selected sync source, the FIFO input and output pointers are initialized.
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com