Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 47 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 43Page - Texas Instruments DAC5687IPZP Datasheet HTML 44Page - Texas Instruments DAC5687IPZP Datasheet HTML 45Page - Texas Instruments DAC5687IPZP Datasheet HTML 46Page - Texas Instruments DAC5687IPZP Datasheet HTML 47Page - Texas Instruments DAC5687IPZP Datasheet HTML 48Page - Texas Instruments DAC5687IPZP Datasheet HTML 49Page - Texas Instruments DAC5687IPZP Datasheet HTML 50Page - Texas Instruments DAC5687IPZP Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
www.ti.com
PHSTR
clk_in
clk_out
phstr at FIFO
output
clk_nco
phase
accumulator
reset
phase_accum
only needs to be asserted for one clk_in period
Input delay line + FIFO delay
13 clk_nco cycles
Coarse Mixer (CMIX) Synchronization
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
The serial interface includes a sync_nco bit in register SYNC_CNTL, which needs to be set for the PHSTR input
signal to initialize the phase accumulator.
The NCO uses a rising edge detector to perform the synchronous reset of the phase accumulator. Due to the
pipelined nature of the NCO, the latency from the phstr sync signal at the FIFO output to the instant the phase
accumulator is cleared is 13 fNCO clock cycles (fNCO = fDAC in X4 mode, fNCO = fDAC/2 in X2, X4L, and X8 modes).
In 2x interpolation mode with the inverse sinc filter disabled, overall latency from PHSTR input to DAC output is
~100 input clock cycles.
Figure 52. NCO Phase Accumulator Reset Synchronization Timing
The coarse mixer implements the fDAC/2 and fDAC/4 (and – fDAC/4) fixed complex mixing operation using simple
complements of the datapath signals to create the proper sequences. The sequences are controlled using a
simple counter and this counter can be synchronously reset using the PHSTR signal.
Similar to the NCO, the PHSTR signal used by the coarse mixer is from the FIFO output. This introduces the
same uncertainty effect due to the FIFO input to output pointer relationship. Bypassing the FIFO and using the
dual external clock mode without FIFO eliminates this uncertainty for systems using multiple DAC5687 devices
when this cannot be tolerated. Using the internal PLL, as with the NCO, allows the complete control and
synchronization of the coarse mixer.
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com