Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 55 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 51Page - Texas Instruments DAC5687IPZP Datasheet HTML 52Page - Texas Instruments DAC5687IPZP Datasheet HTML 53Page - Texas Instruments DAC5687IPZP Datasheet HTML 54Page - Texas Instruments DAC5687IPZP Datasheet HTML 55Page - Texas Instruments DAC5687IPZP Datasheet HTML 56Page - Texas Instruments DAC5687IPZP Datasheet HTML 57Page - Texas Instruments DAC5687IPZP Datasheet HTML 58Page - Texas Instruments DAC5687IPZP Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
www.ti.com
Sleep Mode
Application Information
Designing the PLL Loop Filter
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
There are no specific requirements on the ramp rate for the supplies.
The DAC5687 features a power-down mode that turns off the output current and reduces the supply current to
less than 5 mA over the supply range of 3 V to 3.6 V and temperature range. The power-down mode is activated
by applying a logic level 1 to the SLEEP pin (e.g., by connecting pin SLEEP to AVDD). An internal pull-down
circuit at node SLEEP ensures that the DAC5687 is enabled if the input is left disconnected. Power-up and
power-down activation times depend on the value of external capacitor at node EXTIO. For a nominal capacitor
value of 0.1-µF, power down takes less than 5 µs and approximately 3 ms to power back up.
Table 14. Optimum DAC5687 PLL Settings
fDAC (MHZ)
pll_freq
pll_kv
pll_div (1:0)
fVCO / fDAC
Estimated GVCO (MHz/V)
25 to
0
1
11
8
380
28.125
28.125 to
0
0
11
8
250
46.25
46.25 to 60
0
1
11
8
300
60 to
1
0
11
8
130
61.875
61.875 to
1
1
11
8
225
65
65 to 92.5
0
0
10
4
250
92.5 to 120
0
1
10
4
300
120 to
1
0
10
4
130
123.75
123.75 to
1
1
10
4
225
130
130 to 185
0
0
01
2
250
185 to 240
0
1
01
2
300
240 to
1
0
01
2
130
247.5
247.5 to
1
1
01
2
225
260
260 to 370
0
0
00
1
250
370 to 480
0
1
00
1
300
480 to 495
1
0
00
1
130
495 to 520
1
1
00
1
225
The optimized DAC5687 PLL settings based on the VCO frequency MIN and MAX values (see the digital
specifications) as a function of fDAC are listed in Table 14. To minimize phase noise at a given fDAC, pll_freq,
pll_kv, and the pll_div have been chosen so GVCO is minimized and within the MIN and MAX frequency for a
given setting.
For example, if fDAC = 245.76 MHz, pll_freq is set to 1, pll_kv is set to 0 and pll_div(1:0) is set to 01 (divide by 2)
to lock the VCO at 491.52 MHz.
The external loop filter components C1, C2, and R1 are set by the GVCO, N = fVCO/fDATA = fVCO x
Interpolation/fDAC, the loop phase margin φd and the loop bandwidth ωd. Except for applications where abrupt
clock frequency changes require a fast PLL lock time, it is suggested that
ω
d be set to at least 80 degrees for
stable locking and suppression of the phase noise side lobes. Phase margins of 60 degrees or less can be
sensitive to board layout and decoupling details.
C1, C2, and R1 are then calculated by the following equations
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com