Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 19Page - Texas Instruments DAC5687IPZP Datasheet HTML 20Page - Texas Instruments DAC5687IPZP Datasheet HTML 21Page - Texas Instruments DAC5687IPZP Datasheet HTML 22Page - Texas Instruments DAC5687IPZP Datasheet HTML 23Page - Texas Instruments DAC5687IPZP Datasheet HTML 24Page - Texas Instruments DAC5687IPZP Datasheet HTML 25Page - Texas Instruments DAC5687IPZP Datasheet HTML 26Page - Texas Instruments DAC5687IPZP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
www.ti.com
DA[15:0]
DB[15:0]
IOUTA1
IOUTA2
IOUTB1
IOUTB2
x2
x2
x2
x2
x2
x2
NCO
cos
sin
FIR1
FIR3
FIR4
FIR2
x
sin(x)
x
sin(x)
A
Offset
B
Offset
A gain
B gain
16-bit DAC
16-bit DAC
Programming Registers
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
Figure 32. Block Diagram for X8 Mode
REGISTER MAP
Name
Address
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
(MSB)
Bit 0
VERSION
0x00
0x01
sleep_daca
sleep_dacb
hpla
hplb
unused
version(2:0)
CONFIG0
0x01
0x00
pll_div(1:0)
pll_freq
pll_kv
interp(1:0)
inv_plllock
fifo_bypass
CONFIG1
0x02
0x00
qflag
interl
dual_clk
twos
rev_abus
rev_bbus
fir_bypass
full_bypass
CONFIG2
0x03
0x80
nco
nco_gain
qmc
cm_mode(3:0)
invsinc
CONFIG3
0x04
0x00
sif_4pin
dac_ser_dat
half_rate
unused
usb
counter_mode(2:0)
a
SYNC_CNTL
0x05
0x00
sync_phstr
sync_nco
sync_cm
sync_fifo(2:0)
unused
unused
SER_DATA_0
0x06
0x00
dac_data(7:0)
SER_DATA_1
0x07
0x00
dac_data(15:8)
factory use only
0x08
0x00
NCO_FREQ_0
0x09
0x00
freq(7:0)
NCO_FREQ_1
0x0A
0x00
freq(15:8)
NCO_FREQ_2
0x0B
0x00
freq(23:16)
NCO_FREQ_3
0x0C
0x0C
freq(31:24)
NCO_PHASE_0
0x0D
0x00
phase(7:0)
NCO_PHASE_1
0x0E
0x00
phase(15:8)
DACA_OFFSET_0
0x0F
0x00
daca_offset(7:0)
DACB_OFFSET_0
0x10
0x00
dacb_offset(7:0)
DACA_OFFSET_1
0x11
0x00
daca_offset(12:8)
unused
unused
unused
DACB_OFFSET_1
0x12
0x00
dacb_offset(12:8)
unused
unused
unused
QMCA_GAIN_0
0x13
0x00
qmc_gain_a(7:0)
QMCB_GAIN_0
0x14
0x00
qmc_gain_b(7:0)
QMC_PHASE_0
0x15
0x00
qmc_phase(7:0)
QMC_PHASE_GAIN_1
0x16
0x00
qmc_phase(9:8)
qmc_gain_a(10:8)
qmc_gain_b(10:8)
DACA_GAIN_0
0x17
0x00
daca_gain(7:0)
DACB_GAIN_0
0x18
0x00
dacb_gain(7:0)
DACA_DACB_GAIN_1
0x19
0xFF
daca_gain(11:8)
dacb_gain(11:8)
factory use only
0x1A
0x00
atest
0x1B
0x00
atest
phstr_del(1:0)
unused
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com