Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 35 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 31Page - Texas Instruments DAC5687IPZP Datasheet HTML 32Page - Texas Instruments DAC5687IPZP Datasheet HTML 33Page - Texas Instruments DAC5687IPZP Datasheet HTML 34Page - Texas Instruments DAC5687IPZP Datasheet HTML 35Page - Texas Instruments DAC5687IPZP Datasheet HTML 36Page - Texas Instruments DAC5687IPZP Datasheet HTML 37Page - Texas Instruments DAC5687IPZP Datasheet HTML 38Page - Texas Instruments DAC5687IPZP Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
www.ti.com
Dual Channel Real Upconversion
Limitations on Signal BW and Final Output Frequency in X4L and X8 Modes
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
Table 8. Digital Filter Taps (continued)
FIR1 and FIR3
FIR2
FIR4 (Invsinc)
Tap
Coeff
Tap
Coeff
Tap
Coeff
12, 40
0
13, 39
619
14, 38
0
15, 37
–971
16, 36
0
17, 35
1490
18, 34
0
19, 33
–2288
20, 32
0
21, 31
3649
22, 30
0
23, 29
–6628
24, 28
0
25, 27
20750
26
32768
The DAC5687 can be used in a dual channel mode with real upconversion by mixing with a 1, -1,
… sequence in
the signal chain to invert the spectrum. This mixing mode maintains isolation of the A and B channels. There are
two points of mixing: in X4L mode, the FIR1 output is inverted (high-pass mode) by setting registers hpla and
hplb to 1 and the FIR3 output is inverted by setting CMIX to fDAC/2. In X8 mode, the output of FIR1 is inverted by
setting hpla and hplb to 1 and the FIR3 output is inverted by setting CMIX to fDAC/2. In X2 and X4 modes, the
output of FIR3 is inverted by setting CMIX to fDAC/2.
The wide bandwidth of FIR3 (40% passband) in X4L mode provides options for setting four different frequency
ranges, listed in Table 9. For example, with fDATA = 125 MSPS (fDAC = 500 MSPS), setting FIR1/FIR3 to High
Pass/High Pass respectively will upconvert a signal between 25 and 50 MHz to 150 to 175 MHz. With the High
Pass/Low Pass and Low Pass/High Pass setting the upconvertered signal will be spectrally inverted.
Table 9. X4L Mode High-Pass/Low-Pass Options
FIR1
FIR3
Input Frequency
Output Fre-
Bandwidth
Inverted?
quency
Low Pass
Low Pass
0 - 0.4 x fDATA
0 - 0.4 x
0.4 x fDATA
No
fDATA
High Pass
Low Pass
0.2 to 0.4 x fDATA
0.6 - 0.8 x
0.2 x fDATA
Yes
fDATA
High Pass
High Pass
0.2 to 0.4 x fDATA
1.2 - 1.4x
0.2 x fDATA
No
fDATA
Low Pass
High Pass
0 - 0.4 x fDATA
1.6 - 2x
0.4 x fDATA
Yes
fDATA
For very wide bandwidth signals, the FIR3 pass-band (0 – 0.4 x FDAC/2) can limit the range of the final output
frequency. For example in X4L FMIX CMIX mode (4x interpolation with FMIX after FIR1), at the maximum input
data rate FIN = 125 MSPS the input signal can be ±50 MHz before running into the transition band of FIR1. After
2x interpolation, FIR3 limits the signal to ±100 MHz (0.4 x 250 MHz). Therefore, at the maximum signal
bandwidth, FMIX can mix up to 50 MHz and still fall within the passband of FIR3. This results in gaps in the final
output frequency between FMIX alone (0 MHz to 50 MHz) and FMIX + CMIX with fDAC/4 (75 MHz to 175 MHz)
and FMIX + fDAC/2 (200 MHz to 250 MHz).
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com