Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 49 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 45Page - Texas Instruments DAC5687IPZP Datasheet HTML 46Page - Texas Instruments DAC5687IPZP Datasheet HTML 47Page - Texas Instruments DAC5687IPZP Datasheet HTML 48Page - Texas Instruments DAC5687IPZP Datasheet HTML 49Page - Texas Instruments DAC5687IPZP Datasheet HTML 50Page - Texas Instruments DAC5687IPZP Datasheet HTML 51Page - Texas Instruments DAC5687IPZP Datasheet HTML 52Page - Texas Instruments DAC5687IPZP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
www.ti.com
Input Clock Synchronization of Multiple DAC5687s
CDC7005
# 1
Y0
Y0
Y0
Y0
Y1
Y1
Y1
Y1
Y2
Y2
Y2
Y2
Y3
Y3
Y3
Y3
CDC7005
# 2
Y0
Y0
Y0
Y0
Y1
Y1
Y1
Y1
Y2
Y2
Y2
Y2
Y3
Y3
Y3
Y3
DAC5687
# 1
CLK1
CLK1C
CLK2
CLK2C
DAC5687
# 2
CLK1
CLK1C
CLK2
CLK2C
DAC5687
# 3
CLK1
CLK1C
CLK2
CLK2C
DAC5687
# 4
CLK1
CLK1C
CLK2
CLK2C
Ref
Ref
f
INPUT
f
INPUT
f
DAC
f
INPUT
f
DAC
f
INPUT
f
DAC
f
INPUT
f
DAC
f
INPUT
f
DAC
f
INPUT
f
DAC
f
INPUT
f
DAC
f
INPUT
f
DAC
Reference Operation
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
Table 13. Initial State of CMIX After Reset (continued)
Fix Mix Selection
phstr_del(1:0)
Initial State at PHSTR
fS4
10
180 degree shift
fS/4
11
270 degree shift
For applications where multiple DAC5687 chips are used, clock synchronization is best achieved by using
dual-clock mode with the FIFO disabled or the PLL-clock mode. In the dual-clock mode with FIFO disabled, an
appropriate clock PLL such as the CDC7005 is required to provide the DAC and input rate clocks that meet the
skew requirement t_align (see Figure 47). An example for synchronizing multiple DAC5687 devices in dual clock
mode with two CDC7005 is shown in Figure 55. When using the internal PLL-clock mode, synchronization of
multiple using PHSTR is completely deterministic due to the phase/frequency detector in the PLL feedback loop.
All chips using the same CLK1/CLK1C input clock will have identical internal clocking phases.
Figure 55. Block Diagram for Clock Synchronization of Multiple DAC5687 Devices in Dual-Clock Mode
The DAC5687 comprises a bandgap reference and control amplifier for biasing the full-scale output current. The
full-scale output current is set by applying an external resistor RBIAS to pin BIASJ. The bias current IBIAS
through resistor RBIAS is defined by the on-chip bandgap reference voltage and control amplifier. The full-scale
output current equals 16 times this bias current. The full-scale output current IOUTFS can thus be expressed as:
IOUTFS = 16 × IBIAS = 16 × VEXTIO / RBIAS
where VEXTIO is the voltage at terminal EXTIO. The bandgap reference voltage delivers an accurate voltage of
1.2 V. This reference is active when terminal EXTLO is connected to AGND. An external decoupling capacitor
CEXT of 0.1 µF should be connected externally to terminal EXTIO for compensation. The bandgap reference can
additionally be used for external reference operation. In that case, an external buffer with high impedance input
should be applied in order to limit the bandgap load current to a maximum of 100 nA. The internal reference can
be disabled and overridden by an external reference by connecting EXTLO to AVDD. Capacitor CEXT may hence
be omitted. Terminal EXTIO thus serves as either input or output node.
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com