Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 9Page - Texas Instruments DAC5687IPZP Datasheet HTML 10Page - Texas Instruments DAC5687IPZP Datasheet HTML 11Page - Texas Instruments DAC5687IPZP Datasheet HTML 12Page - Texas Instruments DAC5687IPZP Datasheet HTML 13Page - Texas Instruments DAC5687IPZP Datasheet HTML 14Page - Texas Instruments DAC5687IPZP Datasheet HTML 15Page - Texas Instruments DAC5687IPZP Datasheet HTML 16Page - Texas Instruments DAC5687IPZP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
www.ti.com
Amplitude − dBFS
40
45
50
55
60
65
70
75
80
85
90
−35
−30
−25
−20
−15
−10
−5
0
G009
fdata = 125 MSPS
fin = −30 MHz +0.5 MHz Complex
IF = 95 MHz
y4L Interpolation
CMIX
PLL Off
f − Frequency − MHz
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
15
20
25
30
fdata = 125 MSPS
fin = 20 MHz
+0.5 MHz Real
IF = 20 MHz
y4 Interpolation
PLL Off
G010
f − Frequency − MHz
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
85
90
95
100
105
fdata = 125 MSPS
fin = −30 MHz
+0.5 MHz Complex
IF = 95 MHz
y4L Interpolation
CMIX
PLL Off
G011
IF − Intermediate Frequency − MHz
50
55
60
65
70
75
80
85
90
0
50
100
150
200
250
fdata = 122.88 MSPS
Baseband Input
DVDD = 1.8 V
G012
PLL On
PLL Off
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
Typical Characteristics (continued)
Figure 9. Two Tone IMD vs Amplitude
Figure 10. Two Tone IMD Spectral Plot
Figure 11. Two Tone IMD Spectral Plot
Figure 12. WCDMA ACLR vs Intermediate Frequency
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com