Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 13Page - Texas Instruments DAC5687IPZP Datasheet HTML 14Page - Texas Instruments DAC5687IPZP Datasheet HTML 15Page - Texas Instruments DAC5687IPZP Datasheet HTML 16Page - Texas Instruments DAC5687IPZP Datasheet HTML 17Page - Texas Instruments DAC5687IPZP Datasheet HTML 18Page - Texas Instruments DAC5687IPZP Datasheet HTML 19Page - Texas Instruments DAC5687IPZP Datasheet HTML 20Page - Texas Instruments DAC5687IPZP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
www.ti.com
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
133
138
143
148
153
158
163
168
173
G025
fdata = 122.88 MSPS
IF = 153.6 MHz
y4 Interpolation
CMIX
Carrier Power 1 (Ref): −19.88 dBm
ACLR (5 MHz): 66.6 dB
ACLR (10 MHz): 65.73 dB
Test Methodology
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
Typical Characteristics (continued)
Figure 25. WCDMA TM1 : Four Carrier, PLL Off,
DVDD = 2.1 V
Typical ac specifications in external clock mode were characterized with the DAC5687EVM using the test
configuration shown in Figure 26. The DAC sample rate clock fDAC is generated by a HP8665B signal generator.
An Agilent 8133A pulse generator is used to divide fDAC for the data rate clock fDATA for the Agilent 16702A
pattern generator clock and provide adjustable skew to the DAC input clock. The 8133A fDAC output is set to 1
VPP, equivalent to 2-VPP differential at CLK2/CLK2C pins. Alternatively, the DAC5687 PLLLOCK output can be
used for the pattern generator clock.
The DAC5687 output is characterized with a Rohde & Schwarz FSQ8 spectrum analyzer. For WCDMA signal
characterization, it is important to use a spectrum analyzer with high IP3 and noise subtraction capability so that
the spectrum analyzer does not limit the ACPR measurement. For all specifications, both DACA and DACB are
measured and the lowest value used as the specification.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com