Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 43 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 39Page - Texas Instruments DAC5687IPZP Datasheet HTML 40Page - Texas Instruments DAC5687IPZP Datasheet HTML 41Page - Texas Instruments DAC5687IPZP Datasheet HTML 42Page - Texas Instruments DAC5687IPZP Datasheet HTML 43Page - Texas Instruments DAC5687IPZP Datasheet HTML 44Page - Texas Instruments DAC5687IPZP Datasheet HTML 45Page - Texas Instruments DAC5687IPZP Datasheet HTML 46Page - Texas Instruments DAC5687IPZP Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
www.ti.com
f
align +
1
2F
CLK2
* 0.5 ns
th
CLK2
CLK1
DA[15:0]
DB[15:0]
∆ < talign
ts
th
CLK1
DA[15:0]
DB[15:0]
ts
Input FIFO
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
where fCLK2 is the clock frequency at CLK2. For example, talign = 0.5 ns at fCLK2 = 500 MHz and 1.5 ns at fCLK2 =
250 MHz.
If the FIFO is enabled (inv_plllock set) in dual clock mode, then CLK1 is only used as an input latch (Figure 48)
and is independent from the internal divided clock generated from CLK2/CLK2C and there is no alignment
specification. However, the FIFO needs to be synchronized by one of the methods listed in SYNC_CNTL register
and the latency of the DAC can be up to one clock cycle different depending on the phase relationship between
CLK1 and the internally divided clock.
Figure 47. Dual Clock Mode Without FIFO
Figure 48. Dual Clock Mode With FIFO
The CDC7005 from Texas Instruments is recommended for providing phase aligned clocks at different
frequencies for this application.
In DAC clock mode, where the DAC5687 is clocked at the DAC update rate, the DAC5687 has an optional input
FIFO that allows latching of DA[15:0], DB[15:0] and PHSTR based on a user provided CLK1/CLK1C input or the
input data rate clock provided to the PLLLOCK pin. The FIFO can be bypassed by setting register fifo_bypass in
CONFIG0 to 1.
The input interface FIFO incorporates a four sample register file, an input pointer, and an output pointer.
Initialization of the FIFO pointers can be programmed to one of seven different sources.
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com