Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 42 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 38Page - Texas Instruments DAC5687IPZP Datasheet HTML 39Page - Texas Instruments DAC5687IPZP Datasheet HTML 40Page - Texas Instruments DAC5687IPZP Datasheet HTML 41Page - Texas Instruments DAC5687IPZP Datasheet HTML 42Page - Texas Instruments DAC5687IPZP Datasheet HTML 43Page - Texas Instruments DAC5687IPZP Datasheet HTML 44Page - Texas Instruments DAC5687IPZP Datasheet HTML 45Page - Texas Instruments DAC5687IPZP Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 72 page
background image
www.ti.com
CLK2
DA[15:0]
DB[15:0]
th(DATA)
ts(DATA)
A0
A1
A2
A3
AN
AN+1
B0
B1
B2
B3
BN
BN+1
B0053-02
CLK
Buffer
CLK
Buffer
PFD
Charge
Pump
VCO
/1
/2
/4
/8
00
01
10
11
1
0
/2
Data
Latch
1 ´2
´1
0
00
01
10
11
/2
/2
0
1
CLK1
CLK1C
CLK2
LPF
DIV[1:0]
PLLVDD
PLLLOCK
PLLVDD
D[15:0]
INTERL
SEL[1:0]
Fdac
Fdac/2 2
´
Fdac/4 ´4
Fdac/4 ´4L
Fdac/8 ´8
Data
Lock
CLK2C
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
Figure 45. Dual Bus Mode Timing Diagram (PLL Mode)
Figure 46. Clock Generation Architecture in PLL Mode
Power for the internal PLL blocks (PLLVDD and PLLGND) are separate from the other clock generation blocks
power (CLKVDD and CLKGND), thus minimizing PLL phase noise.
3) PLLVDD = 0 V and dual_clk = 1: DUAL CLOCK MODE
In DUAL CLOCK MODE, the DAC is driven at the DAC sample rate through CLK2/CLK2C and the input data
rate through CLK1/CLK1C. There are two options in dual clock mode: with FIFO (inv_plllock set) and without
FIFO (inv_plllock clear). If the FIFO is not used, the CLK1/CLK1C input is used to set the phase of the internal
clock divider. In this case, the edges of CLK1 and CLK2 must be aligned to within ±t_align (Figure 47), defined as
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com