Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 24 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 20Page - Texas Instruments DAC5687IPZP Datasheet HTML 21Page - Texas Instruments DAC5687IPZP Datasheet HTML 22Page - Texas Instruments DAC5687IPZP Datasheet HTML 23Page - Texas Instruments DAC5687IPZP Datasheet HTML 24Page - Texas Instruments DAC5687IPZP Datasheet HTML 25Page - Texas Instruments DAC5687IPZP Datasheet HTML 26Page - Texas Instruments DAC5687IPZP Datasheet HTML 27Page - Texas Instruments DAC5687IPZP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
www.ti.com
Register Name: VERSION — Address: 0x00, Default = 0x01
Register Name: CONFIG0 — Address: 0x01, Default = 0x00
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
REGISTER MAP (continued)
Name
Address
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
(MSB)
Bit 0
DAC_TEST
0x1C
0x00
factory use only
phstr_clkdiv_sel
factory use only
0x1D
0x00
factory use only
0x1E
0x00
factory use only
0x1F
0x00
BIT 7
BIT 0
sleep_daca
sleep_dacb
hpla
hplb
unused
version(2:0)
0
0
0
0
0
0
1
1
sleep_daca: DAC A sleeps when set, operational when cleared.
sleep_dacb: DAC B sleeps when set, operational when cleared.
hpla:
A side first FIR filter in high-pass mode when set, low-pass mode when cleared.
hplb:
B side first FIR filter in high-pass mode when set, low-pass mode when cleared.
version(2:0): A hardwired register that contains the version of the chip. Read Only.
BIT 7
BIT 0
pll_div(1:0)
pll_freq
pll_kv
interp(1:0)
inv_plllock
fifo_bypass
0
0
0
0
0
0
0
0
pll_div(1:0): PLL VCO divider; {00 = 1, 01 = 2, 10 = 4, 11 = 8}.
pll_freq:
PLL VCO center frequency; {0 = low center frequency, 1 = high center frequency}.
pll_kv:
PLL VCO gain; {0 = high gain, 1 = low gain}.
interp(1:0): FIR Interpolation; {00 = X2, 01 = X4, 10 = X4L, 11 = X8}. X4 uses lower power than x4L, but f
DAC =
320 MHz max when NCO or QMC are used.
inv_plllock: Multi-function bit depending on clock mode.
fifo_bypass: When set, the internal 4-sample FIFO is disabled. When cleared, the FIFO is enabled.
Table 2. inv_plllock Bit Modes
PLLVDD
dual_clk
inv_pllock
fifo_bypass
DESCRIPTION
0 V
0
0
1
Input data latched on PLLLOCK pin rising edges, FIFO disabled.
0 V
0
1
1
Input data latched on PLLLOCK pin falling edges, FIFO dis-
abled.
0 V
0
0
0
Input data latched on PLLLOCK pin rising edges, FIFO enabled
and must be sync’d.
0 V
0
1
0
Input data latched on PLLLOCK pin falling edges, FIFO enabled
and must be sync’d.
0 V
1
0
1
Input data latched on CLK1/CLK1C differential input. Timing
between CLK1 and CLK2 rising edges must be tightly controlled
(500 ps max at 500-MHz CLK2). PLLLOCK output signal is
always low. The FIFO is always disabled in this mode.
0 V
1
1
0
Input data latched on CLK1/CLK1C differential input. No phase
relationship required between CLK1 and CLK2. The FIFO is
employed to manage the internal handoff between the CLK1
input clock and the CLK2 derived output clock; the FIFO must
be sync’d. The PLLLOCK output signal reflects the internally
generated FIFO output clock.
0 V
1
0
0
Not a valid setting. Do not use.
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com