Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 57 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 53Page - Texas Instruments DAC5687IPZP Datasheet HTML 54Page - Texas Instruments DAC5687IPZP Datasheet HTML 55Page - Texas Instruments DAC5687IPZP Datasheet HTML 56Page - Texas Instruments DAC5687IPZP Datasheet HTML 57Page - Texas Instruments DAC5687IPZP Datasheet HTML 58Page - Texas Instruments DAC5687IPZP Datasheet HTML 59Page - Texas Instruments DAC5687IPZP Datasheet HTML 60Page - Texas Instruments DAC5687IPZP Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
www.ti.com
B0046-01
TRF3701
TRF3702
GND
205
Ω
205
Ω
15.4
Ω
15.4
Ω
15.4
Ω
15.4
Ω
GND
205
Ω
205
Ω
5 V
50
Ω
50
Ω
5 V
50
Ω
50
Ω
B0046-02
AQM
69.8
Ω
69.8
Ω
124
Ω
124
Ω
124
Ω
124
Ω
69.8
Ω
69.8
Ω
−5 V
453
Ω
453
Ω
−5 V
453
Ω
453
Ω
5 V
5 V
Non-Harmonic Clock-Related Spurious Signals
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
Figure 65. DAC5687 Passive Interface to TRF3701/2 Analog Quadrature Modulator
Changing the voltage levels and resistor values enable other common-mode voltages at the analog quadrature
modulator input. For example, the network shown in Figure 66 can produce a 1.5-V common mode at the analog
quadrature modulator input, with a 0.78-VPP single-ended swing (1.56-VPP differential swing), or 0.2-dB insertion
loss.
Figure 66. DAC5687 Passive Interface With 1.5-V Common Mode at AQM Input
In interpolating DACs, imperfect isolation between the digital and DAC clock circuits generate spurious signals at
frequencies related to the DAC clock rate. The digital interpolation filters in these DACs run at sub-harmonic
frequencies of the output rate clock, where these frequencies are fDAC/2
N, N = 1 - 3. For example, for X2 mode
there is only one interpolation filter running at fDAC/2; for X4 and X4L modes, on the other hand, there are two
interpolation filters running at fDAC/2 and fDAC/4. In X8 mode, there are three interpolation filters running at fDAC/2,
fDAC/4, and fDAC/8. These lower-speed clocks for the interpolation filter mix with the DAC clock circuit and create
spurious images of the wanted signal and second Nyquist-zone image at offsets of fDAC/2
N.
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com