Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 44 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 40Page - Texas Instruments DAC5687IPZP Datasheet HTML 41Page - Texas Instruments DAC5687IPZP Datasheet HTML 42Page - Texas Instruments DAC5687IPZP Datasheet HTML 43Page - Texas Instruments DAC5687IPZP Datasheet HTML 44Page - Texas Instruments DAC5687IPZP Datasheet HTML 45Page - Texas Instruments DAC5687IPZP Datasheet HTML 46Page - Texas Instruments DAC5687IPZP Datasheet HTML 47Page - Texas Instruments DAC5687IPZP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
www.ti.com
0
1
S
DA(15:0),
DB(15:0),
PHSTR
0
1
D Q
input
pointer
generation
PLLLOCK
MUX
CLK1
CLK1C
{PLLVDD,
inv_plllock, dual_clk}
MUX
clock
generator
resynchonized
da(15:0), db(15:0)
and phstr
sync source
{TXENABLE, PHSTR, QFLAG, DB(15),
DA(15) oneshot, SIF write, always off}
CLK2
CLK2C
PLL VCO
1
fifo_bypass
in_sel_d
in_sel_c
in_sel_b
in_sel_a
q_b
q_c
q_d
q_in
q_out
clk_in
clk_out
sel_q_a
sel_q_d
sel_q_c
sel_q_b
sync
D Q
DA(15:0),
DB(15:0),
PHSTR
0
1
S
D Q
S
0
1
S
D Q
,
output
pointer
generation
Q
D
DA(15) oneshot
0
Q
D
S
q_a
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
Figure 49. DAC5687 Input FIFO Logic
Initialization of the FIFO block involves selecting and asserting a synchronization source. Initialization causes the
input and output pointers to be forced to an offset of 2; the input pointer will be forced to the in_sel_a state while
the output pointer will be forced to the sel_q_c state. This initialization of the input and output pointers can cause
discontinuities in a data stream and should therefore be handled at startup.
Table 11. Synchronization Source Selection
sync_fifo (2:0)
Synchronization Source
000
txenable pin
001
phstr pin
010
qflag pin
011
db(15)
100
da(15) first transition (one shot)
101
sync now with SIF write (always on)
110
sync source disabled (always off)
111
sync now with SIF write (always on)
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com