Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 12Page - Texas Instruments DAC5687IPZP Datasheet HTML 13Page - Texas Instruments DAC5687IPZP Datasheet HTML 14Page - Texas Instruments DAC5687IPZP Datasheet HTML 15Page - Texas Instruments DAC5687IPZP Datasheet HTML 16Page - Texas Instruments DAC5687IPZP Datasheet HTML 17Page - Texas Instruments DAC5687IPZP Datasheet HTML 18Page - Texas Instruments DAC5687IPZP Datasheet HTML 19Page - Texas Instruments DAC5687IPZP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
www.ti.com
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
72
77
82
87
92
97
102
107
112
G021
fdata = 122.88 MSPS
IF = 92.16 MHz
y4 Interpolation
CMIX
Carrier Power 1 (Ref): −17.41 dBm
ACLR (5 MHz): 69.09 dB
ACLR (10 MHz): 69.34 dB
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
72
77
82
87
92
97
102
107
112
G022
fdata = 122.88 MSPS
IF = 92.16 MHz
y4 Interpolation
CMIX
Carrier Power 1 (Ref): −17.42 dBm
ACLR (5 MHz): 64 dB
ACLR (10 MHz): 65.79 dB
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
141
146
151
156
161
166
G023
Carrier Power: −10.35 dBm
ACLR (5 MHz): 73.83 dB
ACLR (10 MHz): 75.39 dB
fdata = 122.88 MSPS
IF = 153.6 MHz
y4 Interpolation
CMIX
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
138
143
148
153
158
163
168
G024
Carrier Power 1 (Ref): −15.77 dBm
ACLR (5 MHz): 69.74 dB
ACLR (10 MHz): 71.17 dB
fdata = 122.88 MSPS
IF = 153.6 MHz
y4 Interpolation
CMIX
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
Typical Characteristics (continued)
Figure 21. WCDMA TM1 : Four Carrier, PLL Off,
Figure 22. WCDMA TM1 : Four Carrier, PLL On,
DVDD = 1.8 V
DVDD = 1.8 V
Figure 23. WCDMA TM1 : Single Carrier, PLL Off,
Figure 24. WCDMA TM1 : Two Carrier, PLL Off,
DVDD = 2.1 V
DVDD = 2.1 V
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com