Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZP
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZP Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC5687IPZP Datasheet HTML 6Page - Texas Instruments DAC5687IPZP Datasheet HTML 7Page - Texas Instruments DAC5687IPZP Datasheet HTML 8Page - Texas Instruments DAC5687IPZP Datasheet HTML 9Page - Texas Instruments DAC5687IPZP Datasheet HTML 10Page - Texas Instruments DAC5687IPZP Datasheet HTML 11Page - Texas Instruments DAC5687IPZP Datasheet HTML 12Page - Texas Instruments DAC5687IPZP Datasheet HTML 13Page - Texas Instruments DAC5687IPZP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
www.ti.com
1
2F
CLK2
* 0.5 ns
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
ELECTRICAL CHARACTERISTICS (DIGITAL SPECIFICATIONS) (continued)
over recommended operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 3.3 V, IOVDD = 3.3 V,
DVDD = 1.8 V, IOUT
FS = 19.2 mA (unless otherwise noted)
DIGITAL SPECIFICATIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PLL
At 600-kHz offset, measured at DAC output,
25 MHz 0-dBFS tone, FDATA = 125 MSPS,
133
dBc/Hz
4x interpolation, pll_freq = 1, pll_kv = 0
Phase noise
At 6-MHz offset, measured at DAC output,
25 MHz 0-dBFS tone, 125 MSPS,
148.5
dBc/Hz
4x interpolation, pll_freq = 1, pll_kv = 0
pll_freq = 0, pll_kv = 0
370
pll_freq = 0, pll_kv = 1
480
VCO maximum frequency
MHz
pll_freq = 1, pll_kv = 0
495
pll_freq = 1, pll_kv = 1
520
pll_freq = 0, pll_kv = 0
225
pll_freq = 0, pll_kv = 1
200
VCO minimum frequency
MHz
pll_freq = 1, pll_kv = 0
480
pll_freq = 1, pll_kv = 1
480
NCO and QMC BLOCKS
QMC clock rate
320
MHz
NCO clock rate
320
MHz
SERIAL PORT TIMING
ts(SDENB)
Setup time, SDENB to rising edge of SCLK
20
ns
Setup time, SDIO valid to rising edge of
ts(SDIO)
10
ns
SCLK
Hold time, SDIO valid to rising edge of
th(SDIO)
5
ns
SCLK
tSCLK
Period of SCLK
100
ns
tSCLKH
High time of SCLK
40
ns
tSCLK
Low time of SCLK
40
ns
td(Data)
Data output delay after falling edge of SCLK
10
ns
CLOCK INPUT (CLK1/CLK1C, CLK2/CLK2C)
Duty cycle
40%
60%
Differential voltage
0.4
1
V
TIMING PARALLEL DATA INPUT: CLK1 LATCHING MODES
(PLL Mode –Figure 45, Dual Clock Mode FIFO Disabled – See Figure 47, Dual Clock Mode With FIFO Enabled – See Figure 48)
Setup time, DATA valid to rising edge of
ts(DATA)
0.5
ns
CLK1
Hold time, DATA valid after rising edge of
th(DATA)
1.5
ns
CLK1
Maximum offset between CLK1 and CLK2
t_align
rising edges – Dual Clock Mode with FIFO
ns
disabled
Timing Parallel Data Input (External Clock Mode, Latch on PLLLock Rising Edge, CLK2 Clock Input, See Figure 43 )
Setup time, DATA valid to rising edge of
ts(DATA)
72-
Ω load on PLLLOCK
0.5
ns
PLLLOCK
Hold time, DATA valid after rising edge of
th(DATA)
72-
Ω load on PLLLOCK
1.5
ns
PLLLOCK
Delay from CLK2 rising edge to PLLLOCK
72-
Ω load on PLLLOCK. Note that PLLLOCK
tdelay(Plllock)
4.5
ns
rising edge
delay increases with a lower impedance load.
Timing Parallel Data Input (External Clock Mode, Latch on PLLLock Falling Edge, CLK2 Clock Input, See Figure 44)
Setup time, DATA valid to falling edge of
ts(DATA)
High impedance load on PLLLOCK
0.5
ns
PLLLOCK
Hold time, DATA valid after falling edge of
th(DATA)
High impedance load on PLLLOCK
1.5
ns
PLLLOCK
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com