Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KS Datasheet(PDF) 13 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KS
Description  INTELLIGENT LCD MODULE
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KS Datasheet(HTML) 13 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KS Datasheet HTML 9Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 10Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 11Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 12Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 13Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 14Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 15Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 16Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 17Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1)
February 2012
Page 13
Buy Cables Separately
Cable lengths are approximate. Common configurations are described in the section CONNECTION
INFORMATION (Pg. 25). Additional cables are available on our website.
Crystalfontz
Cable
Description
All cables are RoHS compliant
WR-PWR-Y12
~13 inches
Cable allows you to plug a 4-pin “hard drive style” Molex power connector into the module's “floppy drive
style” power connector, plus provides an additional female 4-pin Molex connector.
WR-232-Y08
~27 inches
Use this ribbon cable to supply communications. Connect cable’s 10-pin female connector to the module’s
J_RS232 male connector. Connect cable’s RS232 DB9 9-pin female connector to host’s DB9 9-pin male
serial port.
WR-232-Y13
~36 inches
DB9 male ribbon cable with PC expansion slot bracket. Connect cable’s 10-pin female connector to the
module’s J_RS232 male connector. Connect the cable’s DB9 male connector to host’s DB9 female con-
nector.
WR-232-Y22
~26 inches
Use this cable to supply communications. Connect one of the 10-pin female connectors to the module’s’
J_RS232 10-pin male connector. Connect cable’s second 10-pin female connector to host’s motherboard
10-pin male connector (standard or alternate pinout).
WR-232-Y23
~26 inches
Connect cable’s 10-pin female connector to module’s J_RS232 10-pin male connector. Connect cable’s 9-
pin female DB9 connector to host’s 9-pin male DB9 connector (standard or alternate pinout).
WR-PWR-Y14
~24 inches
Use this ATX power cable to turn an ATX power supply on and off, or power cycle the host through the
module. Requires optional 7-in female connector at J8 on module. Select J8 connector after you click on
the module’s website page button “Customize and Add to Cart”. Connect the cable’s male 7-pin connector
to the module’s J8 female connector.
WR-FAN-X01
~16 inches
Connect up to four cables to connect up to four fans. Connect cable’s 3-pin male connector to module’s
connectors labeled FAN1, FAN2, FAN3, or FAN4. Connect cable’s 3-pin female connector to a fan’s con-
nector. (Fans are not sold by Crystalfontz.)
WR-DOW-Y17
~12 inches + ~12
inches between
connectors
Connect (“daisy chain”) up to 32 of these DOW (Dallas One-Wire) DS18B20 temperature sensor cables.
Requires optional DOW connector at J_DOW on module. Select DOW connector after you click on the
module’s website page button “Customize and Add to Cart”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com