Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KS Datasheet(PDF) 42 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KS
Description  INTELLIGENT LCD MODULE
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KS Datasheet(HTML) 42 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KS Datasheet HTML 38Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 39Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 40Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 41Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 42Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 43Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 44Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 45Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 46Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 88 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1)
February 2012
Page 42
In any of the above cases, the return packet will be:
type: 0x40 | 0x05 = 0x45 = 6910
data_length = 0
6 (0x06): Clear LCD Screen
Sets the contents of the LCD screen DDRAM to ' ' = 0x20 = 32 and moves the cursor to the left-most column of the top
line.
type: 0x06 = 610
valid data_length is 0
The return packet will be:
type: 0x40 | 0x06 = 0x46 = 7010
data_length = 0
Clear LCD Screen changes the LCD. The LCD contents is one of the items stored by the command 4 (0x04): Store
Current State As Boot State (Pg. 39).
7 (0x07): Set LCD Contents, Line 1
Sets the center 16 characters displayed for the top line of LCD screen.
type: 0x7 = 710
valid data_length is 16
data[] = top line’s display content (must supply 16 bytes)
The return packet will be:
type: 0x40 | 0x07 = 0x47 = 7110
data_length = 0
Set LCD Contents, Line 1 is one of the items stored by the command 4 (0x04): Store Current State As Boot
State (Pg. 39).
NOTE
The CFA633 will return the acknowledge packet immediately, then power cycle the host. The power cycle
length is dependent on the length of the power pulse (command 28 (0x1C): Set ATX Power Switch
Functionality). After power cycling the host, the module will reboot itself. The module will not respond to
new command packets for up to 3 seconds after its reboot. Part of this delay is the intentional staggered
sequencing of turning on power to the fans. If you are not using fans, you can speed the boot process by
setting the fan power to 0 (command 17 (0x11): Set Fan Power and saving this as the default boot state
(command 4 (0x04): Store Current State As Boot State). Normally the host will be off or recovering from its
own power cycle, so the boot delay of the module will not be of consequence.
NOTE
Please use this command only if you need backwards compatibility with older CFA633 units. For new
applications, please use the more flexible command 31 (0x1F): Send Data to LCD (Pg. 58).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com