Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KS Datasheet(PDF) 33 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KS
Description  INTELLIGENT LCD MODULE
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KS Datasheet(HTML) 33 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KS Datasheet HTML 29Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 30Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 31Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 32Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 33Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 34Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 35Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 36Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 37Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1)
February 2012
Page 33
setting to 0% or 100% there should be no compatibility issues. We do not recommend operating a fan below 20% PWM
duty cycle for an extended period of time. Limiting the minimum PWM duty cycle to 30% or 40% should reduce the
mechanical and electrical stresses in the fan, avoiding premature failure.
When power is applied to the CFA633-RDI-KS, it will set each fan's power to the default value of 100% or to the value
that is stored in the boot state. To minimize peak current loading on the +12v supply during start-up, the fans are started
in sequence with a 0.5 second delay between any fans that are on.
CONNECT OPTIONAL CRYSTALFONTZ WR-DOW-Y17 TEMPERATURE
SENSORS
The Crystalfontz WR-DOW-Y17 cable has a DS18B20 Dallas Programmable Resolution One-Wire (DOW) temperature
sensor attached to a “daisy chainable” cable. (“Daisy chain” means several devices connected in a linear series.)
Connect one WR-DOW-Y17 to the connector labeled J_DOW.
Figure 15. J_DOW Connection for WR-DOW-Y17 Temperature Sensor
If desired, connect the WR-DOW-Y17’s 3-pin male connector to an additional WR-DOW-Y17 temperature sensor. Up to
32 WR-DOW-Y17 temperature sensors can be connected. (“Daisy chained”.)
The DS18B20 on the WR-DOW-Y17 has 0.5°C absolute accuracy. Or you make a temperature sensor cable using a
DS1822 Dallas Econo One-Wire Digital Thermometer with +2°C accuracy.
Any temperature sensor can be configured to be automatically read and display to the CFA633-RDI-KS's LCD in °C or
°F (see command 21 (0x15): Set Up Live Fan or Temperature Display (Pg. 49)). Independently, any temperature sensor
can be configured to report to the host (see 19 (0x13): Set Up Temperature Reporting (Pg. 48)). Any sensors configured
to be reported are updated once each second.
c 2010
America, Inc.
Crystalfontz
//
J_DOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com