Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KS Datasheet(PDF) 54 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KS
Description  INTELLIGENT LCD MODULE
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KS Datasheet(HTML) 54 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KS Datasheet HTML 50Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 51Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 52Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 53Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 54Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 55Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 56Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 57Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 58Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 88 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1)
February 2012
Page 54
28 (0x1C): Set ATX Power Switch Functionality
The combination of the CFA633 with the Crystalfontz WR-PWR-Y14 cable can be used to replace the function of the
power and reset switches in a standard ATX-compatible system. The ATX Power Switch Functionality is one of the items
stored by the command 4 (0x04): Store Current State As Boot State (Pg. 39).
The RESET (GPIO[3]) and POWER CONTROL (GPIO[2]) lines on the CFA633 are normally high-impedance.
Electrically, they appear to be disconnected or floating. When the CFA633 asserts the RESET or POWER CONTROL
lines, they are momentarily driven high or low (as determined by the AUTO_POLARITY, RESET_INVERT or
POWER_INVERT bits, detailed below). To end the power or reset pulse, the CFA633 changes the lines back to high-
impedance.
NOTE ON COMMAND 28: SET ATX SWITCH FUNCTIONALITY
The GPIO pins used for ATX control must not be configured as user GPIO. The pins must be con-
figured to their default drive mode in order for the ATX functions to work correctly.
These settings are factory default but may be changed by the user. Please see command 34
(0x22): Set or Set and Configure GPIO Pins (Pg. 58). These settings must be saved as the boot
state.
To ensure that GPIO[1] will operate correctly as ATX SENSE, user GPIO[1] must be configured
as:
DDD = "011: 1=Resistive Pull Up, 0=Fast, Strong Drive Down".
F = "0: Port unused for user GPIO."
This configuration can be assured by sending the following command:
command = 34
length = 3
data[0] = 1
data[1] = 0
data[2] = 3
To ensure that GPIO[2] will operate correctly as ATX POWER, user GPIO[2] must be configured
as:
DDD = "010: Hi-Z, use for input".
F = "0: Port unused for user GPIO."
This configuration can be assured by sending the following command:
command = 34
length = 3
data[0] = 2
data[1] = 0
data[2] = 2
To ensure that GPIO[3] will operate correctly as ATX RESET, user GPIO[3] must be configured as:
DDD = "010: Hi-Z, use for input".
F = "0: Port unused for user GPIO."
This configuration can be assured by sending the following command:
command = 34
length = 3
data[0] = 3
data[1] = 0
data[2] = 2
These settings must be saved as the boot state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com