Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KS Datasheet(PDF) 5 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KS
Description  INTELLIGENT LCD MODULE
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KS Datasheet(HTML) 5 Page - Crystalfontz America, Inc.

  CFA633-RDI-KS Datasheet HTML 1Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 2Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 3Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 4Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 5Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 6Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 7Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 8Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 9Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1)
February 2012
Page 5
2010/03/30
Data Sheet version: v3.0
Changes since last revision (v2.0):
Wherever listed, changed cable part numbers to include dashes (“-”) to
match how they appear on our website.
In ORDERING INFORMATION, added a list of all variants in the CFA633
series.
In Physical Characteristics table, corrected Active Area height from “11.2”
to “11.5”. Also corrected this dimension on website page under Tech Specs
tab. Dimension was correct in all drawings, including Module Outline
Drawings. Dimension has not changed.
Added Module Longevity (EOL / Replacement Policy).
Added source for connector loaded at “PWR” in Standard (Non-ATX)
Power Connection.
In command 33 (0x21): Set Baud Rate, corrected "data[1]" to
"data[0]".
Revised CARE AND HANDLING PRECAUTIONS section.
In APPENDIX C: SAMPLE CODE (INCLUDES ALGORITHMS TO
CALCULATE THE CRC),
- Added section with hypertext links to our free downloadable code.
- Added Algorithm 2B: “C” Improved Bit Shift Implementation. This is a
simplified algorithm that implements the CRC.
- In sample code for Algorithm 1: “C” Table Implementation and Algorithm
2: “C” Bit Shift Implementation, added typedefs for "ubyte" and "word".
- In Algorithm 6: “Perl” Table Implementation, corrected code from "my
$packet = $type . $length . $data ;
" to "my $packet =
chr(hex $type) .chr(hex $length) .chr(hex $data);
".
In APPENDIX D: QUALITY ASSURANCE STANDARDS, added
information on Color Definitions.
2009/02/02
Data Sheet version: v2.0
Changes since last revision (vk1.9c):
Added APPENDIX E: VISUAL INSPECTION OF SOLDER BRIDGES.
Corrected specification of GPIO pull-up/pull-down mode resistance values
from "approximately 5Ω" to "approximately 5kΩ". See 34 (0x22): Set or Set
and Configure GPIO Pins.
Deleted “Built-in reprogrammable microcontroller (factory operation)” and
“Expandable firmware and configurable hardware can be customized to
add specific features for your system needs (tooling fee and minimum
order may apply)” from MAIN FEATURES.
Corrected label on Figure 1 Test Circuit Schematic in APPENDIX A:
CONNECTING A DS2450 1-WIRE QUAD A/D CONVERTER.
Minor formatting changes so that Appendix E could be added.
Data Sheet Revision History (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com