Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KS Datasheet(PDF) 2 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KS
Description  INTELLIGENT LCD MODULE
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KS Datasheet(HTML) 2 Page - Crystalfontz America, Inc.

  CFA633-RDI-KS Datasheet HTML 1Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 2Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 3Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 4Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 5Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 6Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 7Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 8Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 9Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 88 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1)
February 2012
Page 2
DATA SHEET REVISION HISTORY
For information about firmware and hardware revisions, see the Part Change Notifications (PCNs) under “News” in our
website’s navigation bar. To see the most recent PCN for the CFA633 family at the time of this Data Sheet release, see
PCN #10402.
Data Sheet version:
2012/02/21
Added section on Accessories (Pg. 12).This section includes some useful Crystalfontz cables
in Buy Cables Separately (Pg. 13).
Illustration for Keypad Detail Drawing (Pg. 18) was improved to include more dimensions.
Added section on DC Characteristics (Pg. 24).
Added section on LED BACKLIGHT INFORMATION (Pg. 24). Please read this important
information.
In command 1 (0x01): Get Hardware & Firmware Version (Pg. 38), changed revision numbers
from
data[] = "CFA633:hX.X,yYvY"
XvX is the hardware revision, "2.0" for example
YvY is the firmware version, "
.0" for example
to
data[] = "CFA633:h#.#,y#v#"
X.X is the hardware revision, "h2.0" for example
Y.Y is the firmware version, "s2v1" for example
In command 4 (0x04): Store Current State As Boot State (Pg. 39), added the following note: “If
the current state and the boot state do not match after saving, the module will return an error
instead of an ACK. In this unlikely error case, the boot state will be undefined.”
Command 10 (0x0A): Read 8 Bytes of LCD Memory (Pg. 43), corrected “data[0] is the
address code native to the LCD controller”
from
0x80 (\128) to 0x93 (\147) for DDRAM, line 1
0xC0 (\192) to 0xD3 (\211) for DDRAM, line 2
to
0x80 (\128) to 0x8F (\143) for DDRAM, line 1
0xC0 (\192) to 0xCF (\207) for DDRAM, line 2
In command 28 (0x1C): Set ATX Power Switch Functionality (Pg. 54), changed description to
reflect enhancement in firmware. From PCN #10402, “Added auto polarity switch. Improved
pulse length functionality, and added feature to hold until system off during power down.” Also
corrected “data[1]: (optional) length of power on & off pulses in 1/32 second“
from
255 = 8 sec
to
254 = pulse length
255 = pin held until power drops (length of time pin is held in active
state)
In Module Reliability (Pg. 63), please read important note added to the top of this section. Also,
we increased backlight specification from “70%” to “90%”.
In Algorithm 2B: “C” Improved Bit Shift Implementation (Pg. 74), added closing } to final line.
Additional minor text changes were made to make text easier to understand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com