Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KS Datasheet(PDF) 27 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KS
Description  INTELLIGENT LCD MODULE
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KS Datasheet(HTML) 27 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KS Datasheet HTML 23Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 24Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 25Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 26Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 27Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 28Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 29Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 30Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 31Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1)
February 2012
Page 27
ATX POWER SUPPLY AND CONTROL CONNECTIONS
The CFA633-RDI-KS has the ability to control power on/off and reset functions of a standard ATX PC.
The Crystalfontz WR-PWR-Y14 cable simplifies ATX power control connections. When using this cable, please open
jumper JP8 and JPGPIO1. Close jumper JPFLPSNS in order to ensure correct operation. See Jumper Locations and
Functions (All Interfaces) (Pg. 17) for jumper positions and locations.
For this functionality, this configuration of the CFA633-RDI-KS is powered from the PC's VSB signal (the “stand-by” or
“always-on” +5v ATX power supply output).
By default, the pin labeled +5v on the CFA633-RDI-KS’s connector J8 is electrically connected to the +5v pin on the
CFA633-RDI-KS’s J_ PWR connector. If you are using CFA633-RDI-KS to do ATX power control, you will want to open
jumper JP8, which will disconnect the +5v of the J_PWR connector from the +5v of connector J8.
Since the CFA633-RDI-KS must act differently depending on if the host's power supply is “on” or “off”. By opening
JPGPIO1, a 5KΩ resistor is added in series that will connect to the host's “switched +5v” through JPFLPSNS. The
switched +5v power can be either the J_PWR for serial or J_USB for USB module.
The motherboard's power switch input is connected to Pin 5 of the CFA633-RDI-KS’s connector J8 (labeled as GPIO[2]).
This pin functions as POWER CONTROL. The POWER CONTROL pin is configured as a high-impedance input until the
LCD module wants to turn the host on or off, then it will change momentarily to low impedance output, driving either low
or high depending on the setting of POWER_INVERT. (See command 28 (0x1C): Set ATX Power Switch
Functionality (Pg. 54).)
The motherboard's reset switch input is connected to Pin 4 of the CFA633-RDI-KS connector J8 (labeled as GPIO[3]).
This pin functions as RESET. The RESET pin is configured as a high-impedance input until the LCD module wants to
reset the host. Then it will change momentarily to low impedance output, driving either low or high depending on the
NOTE
The GPIO pins used for ATX control must not be configured as user GPIO, and must be configured to
their default drive mode in order for the ATX functions to work correctly. These settings are the default
but may be changed by the user. Please see command 34 (0x22): Set or Set and Configure GPIO
Pins (Pg. 58).
NOTE
If the Crystalfontz WR-PWR-Y14 cable is ordered at the same time as the module, Crystalfontz will
install the WR-PWR-Y14 connector on the module, open jumper per JP8 and JPGPIO1. Close
jumper JPFLPSNS, and send the following software configuration commands (unless we are other-
wise instructed). Please note that once these changes are made, power must be applied to connec-
tor J_PWR, pin +5v and connector J8, pin +5v for the module to power up:
command = 28
// Set ATX Switch Functionality
length = 1
data[0] = 240 // Enable:
//
KEYPAD_POWER_OFF
//
KEYPAD_POWER_ON
//
KEYPAD_RESET
//
LCD_OFF_IF_HOST_IS_OFF
command = 4
// Store current state as boot state
length = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com