Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KS Datasheet(PDF) 26 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KS
Description  INTELLIGENT LCD MODULE
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KS Datasheet(HTML) 26 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KS Datasheet HTML 22Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 23Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 24Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 25Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 26Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 27Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 28Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 29Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 30Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 88 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1)
February 2012
Page 26
POWER CONNECTION THROUGH J_RS232
The +5v and +12v power can be supplied through connector J_RS232, allowing a single cable to contain both power
and data connections. If the "Default RS-232 Pin Assignments" are selected, the five connections needed to operate the
module are all on a single column of pins on J_RS232, which allows a single 0.1-inch spacing 5-conductor cable to
connect between the CFA633-RDI-KS and your embedded system.
JP10 and JP13 are open by default. To enable +5 v to be supplied through J_RS232, close JP13. To allow +12 v to be
supplied through J_RS232, close JP10.
Modification by You
To close JP10 and JP13, see Jumper Locations and Functions (All Interfaces) (Pg. 17) for jumper locations and
functions.
Modification by Crystalfontz
Crystalfontz can configure the modules so they will be ready to use in your application without modification by you. We
do this by closing JP10 and JP13. For information, please contact technical support (call +1-888-206-9720 or email
techinfo@crystalfontz.com). We will provide you with a semi-custom part number. A minimum order quantity may apply.
Figure 9. J_RS232 Power Connection
NOTE
Do not connect high power fans to the module when +12v is supplied through J_RS232/JP10. Total
fan current must be less than 500 mA if +12v is supplied through J_RS232/JP10. When using high
power fans, supply the +12v through the J_PWR connector.
China
JPUSBPWR
1
JP1
JP13
http://



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com