Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KS Datasheet(PDF) 70 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KS
Description  INTELLIGENT LCD MODULE
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KS Datasheet(HTML) 70 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KS Datasheet HTML 66Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 67Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 68Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 69Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 70Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 71Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 72Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 73Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 74Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 88 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1)
February 2012
Page 70
Write Scratchpad Command (quote from the Maxim/Dallas DS1963S Data Sheet)
Write Scratchpad Command [0Fh]
HIDE = 0, Target Address range 0000h to 01FFh only
After issuing the write scratchpad command, the master must first provide the 2–byte target address, followed
by the data to be written to the scratchpad. The data will be written to the scratchpad starting at the byte offset
(T4:T0). The ending offset (E4: E0) will be the byte offset at which the master stops writing data. Only full data
bytes are accepted. If the last data byte is incomplete its content will be ignored and the partial byte flag PF will
be set.
When executing the Write Scratchpad command the CRC generator inside the DS1963S (see Figure 12)
calculates a CRC of the entire data stream, starting at the command code and ending at the last data byte sent
by the master. This CRC is generated using the CRC16 polynomial by first clearing the CRC generator and
then shifting in the command code (0FH) of the Write Scratchpad command, the Target Addresses TA1 and
TA2 as supplied by the master and all the data bytes. The master may end the Write Scratchpad command at
any time. However, if the ending offset is 11111b, the master may send 16 read time slots and will receive the
CRC generated by the DS1963S.
Write 10 bytes of identifiable test data {0x11, 0x22, 0x33, 0x44, 0x55, 0x66, 0x77, 0x88, 0x99, 0xAA} to the scratch pad
in location 0:0
Command:
20 = Arbitrary DOW transaction
Data sent:
\000\000\x0F\x00\x00\x11\x22\x33\x44\x55\x66\x77\x88\x99\xAA
Data received:
C=84(d=0):00
Use the Read Scratchpad Command [AAh] to read back the data.
Command:
20 = Arbitrary DOW transaction
Data sent:
\000\013\xAA
Data received:
C=84(d=0):00,00,09,11,22,33,44,55,66,77,88,99,AA,1E
Now write 10 bytes of identifiable test data {0x12, 0x23, 0x34, 0x45, 0x56, 0x67, 0x78, 0x89, 0x9A, 0xAB} to the scratch
pad in location 0:0x0A
Command:
20 = Arbitrary DOW transaction
Data sent:
\000\000\x0F\x0A\x00\x12\x23\x34\x45\x56\x67\x78\x89\x9A\xAB
Data received:
C=84(d=0):00
Use the Read Scratchpad Command [AAh] to read back the data.
Command:
20 = Arbitrary DOW transaction
Data sent:
\000\013\xAA
Data received:
C=84(d=0):00,02,09,12,23,34,45,56,67,78,89,9A,AB,62
Reading and writing to the scratch pad is the first step required to communicate with the DS1863S. In order to fully use
the DS1963S for a dongle application that securely protects your software from copying, become familiar with the SHA
algorithm as it applies to the SHA iButton by studying the Maxim/Dallas white papers and application notes listed above.
Then create a software application that implements the secure challenge/response protocol as outlined in the application
notes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com