Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KS Datasheet(PDF) 76 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KS
Description  INTELLIGENT LCD MODULE
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KS Datasheet(HTML) 76 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KS Datasheet HTML 72Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 73Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 74Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 75Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 76Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 77Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 78Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 79Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 80Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 88 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1)
February 2012
Page 76
clrc
; clear carry for CRC register shift
rrf
datareg,f
; perform shift of data into CRC register
rrf
accumh,f
;
rrf
accuml,f
;
btfss
STATUS,C
; skip jump if if carry
goto
_notset
; otherwise goto next bit
movlw
polyL
; XOR poly mask with CRC register
xorwf
accuml,F
;
movlw
polyH
;
xorwf
accumh,F
;
_notset
decfsz
j,F
; decrement bit counter
goto
_loop
; loop if not complete
movfw
savchr
; restore the input character
return
; return to calling routine
;====================================================================
; USER SUPPLIED Serial port transmit routine
;--------------------------------------------------------------------
SENDUART
return
; put serial xmit routine here
;====================================================================
; test string storage
;--------------------------------------------------------------------
org
0100h
;
InputStr
addwf
PCL,f
dt
7h,10h,"This is a test. ",0
;
;====================================================================
end
Algorithm 4: “Visual Basic” Table Implementation
Visual BASIC has its own challenges as a language (such as initializing static arrays), and it is also challenging to use
Visual BASIC to work with “binary” (arbitrary length character data possibly containing nulls—such as the “data” portion
of the CFA633 packet) data. This routine was adapted from the C table implementation. The complete project can be
found in our forums.
'This program is brutally blunt. Just like VB. No apologies.
'Written by Crystalfontz America, Inc. 2004 http://www.crystalfontz.com
'Free code, not copyright copyleft or anything else.
'Some visual basic concepts taken from:
'http://www.planet-source-code.com/vb/scripts/ShowCode.asp?txtCodeId=21434&lngWId=1
'most of the algorithm is from functions in 633_WinTest:
'http://www.crystalfontz.com/products/633/633_WinTest.zip
'Full zip of the project is available in our forum:
'http://www.crystalfontz.com/forum/showthread.php?postid=9921#post9921
Private Type WORD
Lo As Byte
Hi As Byte
End Type
Private Type PACKET_STRUCT
command As Byte
data_length As Byte
data(22) As Byte
crc As WORD
End Type
Dim crcLookupTable(256) As WORD
Private Sub MSComm_OnComm()
'Leave this here



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com