Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KS Datasheet(PDF) 25 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KS
Description  INTELLIGENT LCD MODULE
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KS Datasheet(HTML) 25 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KS Datasheet HTML 21Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 22Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 23Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 24Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 25Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 26Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 27Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 28Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 29Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 88 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1)
February 2012
Page 25
CONNECTION INFORMATION
STANDARD POWER CONNECTION
The easiest way to provide power from a host to CFA633-RDI-KS is to connect a cable that would normally be used from
the host’s power supply to a peripheral. If an older PC is the host, this would be the cable for the 3.5-inch floppy drive
connection. If a cable is not available, you may buy the Crystalfontz WR-PWR-Y12 cable to connect to the large 4-pin
power supply cable connector.
JP7 and JP8 are closed by default. JP7 can be opened to supply power to the fans separate from the power to the
backlight. See Jumper Locations and Functions (All Interfaces) (Pg. 17).
The connector loaded at J_PWR is (Tyco Electronics / Amp part number 4-171825-4, Mouser Electronics part number
571-4-171825-4).
Figure 8. Standard Power Supply Connection through J_PWR
NOTE
Do not connect high power fans to the module when +12v is supplied through J8, Pin 3 and JP7 is
closed. Total fan current must be less than 500 mA if +12v is supplied through J8, Pin 3 and JP7 is
closed. When using high power fans, supply the +12v through the J_PWR connector.
JP7
1
R
D
J8
P8
O1
TACH
GND
PWR
FAN3
FAN4
7
TACH
GND
PWR
FONTZ
FA-633
v2.0
JP8
J_PWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com