Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KS Datasheet(PDF) 36 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KS
Description  INTELLIGENT LCD MODULE
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KS Datasheet(HTML) 36 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KS Datasheet HTML 32Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 33Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 34Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 35Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 36Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 37Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 38Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 39Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 40Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1)
February 2012
Page 36
type = 0x80
data_length = 1
data[0] is the type of keyboard activity:
KEY_UP_PRESS
1
KEY_DOWN_PRESS
2
KEY_LEFT_PRESS
3
KEY_RIGHT_PRESS
4
KEY_ENTER_PRESS
5
KEY_EXIT_PRESS
6
KEY_UP_RELEASE
7
KEY_DOWN_RELEASE
8
KEY_LEFT_RELEASE
9
KEY_RIGHT_RELEASE
10
KEY_ENTER_RELEASE
11
KEY_EXIT_RELEASE
12
0x81: Fan Speed Report
If any of up to four fans connected to CFA633 is configured to report its speed information to the host, the CFA633 will
send Fan Speed Reports for each selected fan every 1/2 second. See command 16 (0x10): Set Up Fan
Reporting (Pg. 45).
type = 0x81
data_length = 4
data[0] is the index of the fan being reported:
0 = FAN 1
1 = FAN 2
2 = FAN 3
3 = FAN 4
data[1] is number_of_fan_tach_cycles
data[2] is the MSB of Fan_Timer_Ticks
data[3] is the LSB of Fan_Timer_Ticks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com