Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KS Datasheet(PDF) 74 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KS
Description  INTELLIGENT LCD MODULE
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KS Datasheet(HTML) 74 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KS Datasheet HTML 70Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 71Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 72Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 73Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 74Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 75Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 76Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 77Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 78Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 88 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1)
February 2012
Page 74
Algorithm 2B: “C” Improved Bit Shift Implementation
This is a simplified algorithm that implements the CRC.
unsigned short get_crc(unsigned char count,unsigned char *ptr)
{
unsigned short
crc;
//Calculated CRC
unsigned char
i;
//Loop count, bits in byte
unsigned char
data;
//Current byte being shifted
crc = 0xFFFF; // Preset to all 1's, prevent loss of leading zeros
while(count--)
{
data = *ptr++;
i = 8;
do
{
if((crc ^ data) & 0x01)
{
crc >>= 1;
crc ^= 0x8408;
}
else
crc >>= 1;
data >>= 1;
} while(--i != 0);
}
return (~crc);
}
Algorithm 3: “PIC Assembly” Bit Shift Implementation
This routine was graciously donated by one of our customers.
;====================================================================
; Crystalfontz CFA633 PIC CRC Calculation Example
;
; This example calculates the CRC for the hard coded example provided
; in the documentation.
;
; It uses "This is a test. " as input and calculates the proper CRC
; of 0x93FA.
;====================================================================
#include "p16f877.inc"
;====================================================================
; CRC16 equates and storage
;--------------------------------------------------------------------
accuml
equ
40h
; BYTE - CRC result register high byte
accumh
equ
41h
; BYTE - CRC result register high low byte
datareg
equ
42h
; BYTE - data register for shift
j
equ
43h
; BYTE - bit counter for CRC 16 routine
Zero
equ
44h
; BYTE - storage for string memory read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com