Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KS Datasheet(PDF) 69 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KS
Description  INTELLIGENT LCD MODULE
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KS Datasheet(HTML) 69 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KS Datasheet HTML 65Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 66Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 67Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 68Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 69Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 70Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 71Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 72Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 73Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1)
February 2012
Page 69
To demonstrate reading and writing the scratch memory on DS1963S, open the 633_WinTest Packet Debugger dialog
and use it to experiment with the following commands: Erase Scratchpad, Read Scratchpad, and Write Scratchpad.
To use the full power of the DS1963S, a program based on the Dallas/Maxim application notes listed above is needed.
The challenge/response sequence would be unwieldy to demonstrate using the 633_WinTest Packet Debugger dialog.
First read the address of the DS1963S as detected by the CFA633 at boot. Since only one device is connected, you only
need to query index 0. In a production situation, query all 32 indices to get a complete picture of the devices available
on the DOW bus.
Command:
18 = Read DOW Device Information
Data sent:
\000
Data received:
C=82(d=0):18,CC,D2,19;00,00,00,9E
The first byte returned is the Family Code of the Dallas One Wire / iButton device. 0x18 indicates that this device is a
DS1963. A list of the possible Dallas One Wire / iButton device family codes is available in App Note 155: 1-Wire
Software Resource Guide on the Maxim/Dallas website.
Erase Scratchpad Command (quote from the Maxim/Dallas DS1963S Data Sheet):
Erase Scratchpad [C3h]
The purpose of this command is to clear the HIDE flag and to wipe out data that might have been left in the
scratchpad from a previous operation. After having issued the command code the bus master transmits a target
address, as with the write scratchpad command, but no data. Next the whole scratchpad will be automatically
filled with FFh bytes, regardless of the target address. This process takes approximately 32 µs during which the
master reads 1’s. After this the master reads a pattern of alternating 0’s and 1’s indicating that the command
has completed. The master must read at least 8 bits of this alternating pattern. Otherwise the device might not
properly respond to a subsequent Reset Pulse.
Command:
20 = Arbitrary DOW transaction
Data sent:
\000\014\xC3\000\000
Data received:
C=84(d=0):FF,AA,AA,AA,AA,AA,AA,AA,AA,AA,AA,AA,AA,AA,9F
The “AA” bytes read are the pattern of alternating 0’s and 1’s indicating that the command has completed.
Read Scratchpad Command (quote from the Maxim/Dallas DS1963S Data Sheet)
Read Scratchpad Command [AAh]
HIDE = 0:
The Read Scratchpad command allows verifying the target address, ending offset and the integrity of the
scratchpad data. After issuing the command code the master begins reading. The first 2 bytes will be the target
address. The next byte will be the ending offset/data status byte (E/S) followed by the scratchpad data
beginning at the byte offset (T4: T0). The master may read data until the end of the scratchpad after which it will
receive the inverted CRC generated by the DS1963S. If the master continues reading after the CRC all data
will be logic 1’s.
Command:
20 = Arbitrary DOW transaction
Data sent:
\000\014\xAA
Data received:
C=84(d=0):00,00,1F,FF,FF,FF,FF,FF,FF,FF,FF,FF,FF,FF,07
Since you did an "Erase Scratchpad” as the previous command, the "Read Scratchpad” returns 0xFF bytes as expected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com