Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KS Datasheet(PDF) 43 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KS
Description  INTELLIGENT LCD MODULE
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KS Datasheet(HTML) 43 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KS Datasheet HTML 39Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 40Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 41Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 42Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 43Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 44Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 45Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 46Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 47Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1)
February 2012
Page 43
8 (0x08): Set LCD Contents, Line 2
Sets the center 16 characters displayed for the bottom line of LCD screen.
type: 0x8 = 810
valid data_length is 16
data[] = bottom line's display content (must supply 16 bytes)
The return packet will be:
type: 0x40 | 0x08 = 0x48 = 7210
data_length = 0
Set LCD Contents, Line 2 is one of the items stored by the command 4 (0x04): Store Current State As Boot
State (Pg. 39).
9 (0x09): Set LCD Special Character Data
Sets the font definition for one of the special characters (CGRAM).
type: 0x09 = 910
valid data_length is 9
data[0] = index of special character that you would like to modify, 0-7 are valid
data[1-8] = bitmap of the new font for this character
data[1-8]
are the bitmap information for this character. Any value is valid between 0 and 63, the msb is at the left
of the character cell of the row, and the lsb is at the right of the character cell.
data[1]
is at the top of the cell.
data[8]
is at the bottom of the cell.
The return packet will be:
type: 0x40 | 0x09 = 0x49 = 7310
data_length = 0
Set LCD Special Character Data is one of the items stored by the command 4 (0x04): Store Current State As Boot
State (Pg. 39).
10 (0x0A): Read 8 Bytes of LCD Memory
This command will return the contents of the LCD’s DDRAM or CGRAM. This command is intended for debugging.
Note: firmware version prior to v1.9 did not return the address code.
type: 0x0A = 1010
valid data_length is 1
data[0] = address code of desired data
data[0]
is the address code native to the LCD controller:
0x40 (\064) to 0x7F (\127) for CGRAM
0x80 (\128) to 0x93 (\143) for DDRAM, line 1
0xC0 (\192) to 0xD3 (\207) for DDRAM, line 2
NOTE
Please use this command only if you need backwards compatibility with older CFA633 units. For new
applications, please use the more flexible command 31 (0x1F): Send Data to LCD (Pg. 58).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com