Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KS Datasheet(PDF) 71 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KS
Description  INTELLIGENT LCD MODULE
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KS Datasheet(HTML) 71 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KS Datasheet HTML 67Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 68Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 69Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 70Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 71Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 72Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 73Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 74Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 75Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1)
February 2012
Page 71
APPENDIX C: DEMONSTRATION SOFTWARE AND
SAMPLE CODE
SAMPLE CODE
We encourage you to use the free sample code listed below. Please leave the original copyrights in the code.
Windows compatible test/demonstration program and source.
http://www.crystalfontz.com/product/633WinTest#docs
Linux compatible command-line demonstration program with C source code. 8K.
http://www.crystalfontz.com/product/linux_cli_examples#docs
Supported by CrystalControl freeware.
http://www.crystalfontz.com/product/CrystalControl2.html
In addition, see http://lcdproc.org/hardware.php3 for Linux LCD drivers. LCDproc is an open source project that supports
many of the Crystalfontz displays.
ALGORITHMS TO CALCULATE THE CRC
Below are eight sample algorithms that will calculate the CRC of a CFA633 packet. Some of the algorithms were
contributed by forum members and originally written for the CFA631 aand CFA635. The CRC used in the CFA633 is the
same one that is used in IrDA, which came from PPP, which seems to be related to a CCITT (ref: Network Working Group
Request for Comments: 1171) standard. At that point, the trail was getting a bit cold and diverged into several referenced
articles and papers, dating back to 1983.
The polynomial used is X16 + X12 + X5 + X0 (0x8408)
The result is bit-wise inverted before being returned.
Algorithm 1: “C” Table Implementation
This algorithm is typically used on the host computer, where code space is not an issue.
//This code is from the IRDA LAP documentation, which appears to
//have been copied from PPP:
//
// http://irda.affiniscape.com/associations/2494/files/Specifications/
IrLAP11_Plus_Errata.zip
//
//I doubt that there are any worries about the legality of this code,
//searching for the first line of the table below, it appears that
//the code is already included in the linux 2.6 kernel "Driver for
//ST5481 USB ISDN modem". This is an "industry standard" algorithm
//and I do not think there are ANY issues with it at all.
typedef unsigned char ubyte;
typedef unsigned short word;
word get_crc(ubyte *bufptr,word len)
{
//CRC lookup table to avoid bit-shifting loops.
static const word crcLookupTable[256] =
{0x00000,0x01189,0x02312,0x0329B,0x04624,0x057AD,0x06536,0x074BF,
0x08C48,0x09DC1,0x0AF5A,0x0BED3,0x0CA6C,0x0DBE5,0x0E97E,0x0F8F7,
0x01081,0x00108,0x03393,0x0221A,0x056A5,0x0472C,0x075B7,0x0643E,
0x09CC9,0x08D40,0x0BFDB,0x0AE52,0x0DAED,0x0CB64,0x0F9FF,0x0E876,
0x02102,0x0308B,0x00210,0x01399,0x06726,0x076AF,0x04434,0x055BD,
0x0AD4A,0x0BCC3,0x08E58,0x09FD1,0x0EB6E,0x0FAE7,0x0C87C,0x0D9F5,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com