Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KS Datasheet(PDF) 47 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KS
Description  INTELLIGENT LCD MODULE
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KS Datasheet(HTML) 47 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KS Datasheet HTML 43Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 44Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 45Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 46Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 47Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 48Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 49Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 50Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 51Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1)
February 2012
Page 47
18 (0x12): Read DOW Device Information
When power is applied to the CFA633, it detects any devices (WR-DOW-Y17 temperature sensors) connected to the
Dallas Semiconductor One-Wire (DOW) bus and stores the device’s information. This command will allow the host to
read the device’s information.
The first byte returned is the Family Code of the Dallas One-Wire / iButton device. There is a list of the possible Dallas
One-Wire / iButton device family codes available in App Note 155: 1-Wire Software Resource Guide on the Maxim/Dallas
website.
type: 0x12 = 1810
valid data_length is 1
data[0] = device index (0-31 valid)
The return packet will be:
type: 0x40 | 0x12 = 0x52 = 8210
data_length = 9
data[0] = device index (0-31 valid)
data[1-8] = ROM ID of the device
If data[1] is 0x22 (DS1822 Econo One-Wire Digital Thermometer temperature sensor) or 0x28 (DS18B20 High Precision
One-Wire Digital Thermometer temperature sensor used on our WR-DOW-Y17), then that device can be set up to
automatically convert and report the temperature every second. See the command 19 (0x13): Set Up Temperature
Reporting (Pg. 48).
NOTE ON COMMAND 18: READ DOW DEVICE INFORMATION
The GPIO pin used for DOW must not be configured as user GPIO. It must be configured to its default
drive mode in order for the DOW functions to work correctly.
These settings are factory default but may be changed by the user. Please see command 34 (0x22):
Set or Set and Configure GPIO Pins (Pg. 58).
In order for the DOW subsystem to be enabled and operate correctly, user GPIO[4] must be configured
as:
DDD = "111: 1=Hi-Z, 0=Slow, Strong Drive Down".
F = "0: Port unused for user GPIO."
This state is the factory default, but it can be changed and saved by the user. To ensure that GPIO[4] is
set correctly and the DOW operation is enabled, send the following command:
command = 34
length = 3
data[0] = 4
data[1] = 100
data[2] = 7
This setting must be saved as the boot state, so when the CFA633 reboots it will detect the DOW
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com