Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KS Datasheet(PDF) 52 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KS
Description  INTELLIGENT LCD MODULE
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KS Datasheet(HTML) 52 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KS Datasheet HTML 48Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 49Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 50Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 51Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 52Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 53Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 54Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 55Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 56Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1)
February 2012
Page 52
Varying fan speeds under host software control gives the ultimate flexibility in system design but would typically have a
fatal flaw: a host software or hardware failure could cause the cooling system to fail. If the fans were set at a slow speed
when the host software failed, system components may be damaged due to inadequate cooling.
The fan power fail-safe command allows host control of the fans without compromising safety. When the fan control
software activates, it should set the fans that are under its control to fail-safe mode with an appropriate timeout value. If
for any reason the host fails to update the power of the fans before the timeout expires, the fans previously set to fail-
safe mode will be forced to 100% power.
#define FAN_1
0x01
#define FAN_2
0x02
#define FAN_3
0x04
#define FAN_4
0x08
type = 0x19 = 2510
data_length = 2
data[0] = bit mask of fans set to fail-safe (1-15 valid)
data[1] = timeout value in 1/8 second ticks:
1 = 1/8 second
2 = 1/4 second
255 = 31 7/8 seconds
The return packet will be:
type = 0x40 | 0x19 = 0x59 = 8910
data_length = 0
26 (0x1A): Set Fan Tachometer Glitch Filter
The CFA633 controls fan speed by using PWM. Using PWM turns the power to a fan on and off quickly to change the
average power delivered to the fan. The CFA633 uses approximately 18 Hz for the PWM repetition rate. The fan’s
tachometer output is only valid if power is applied to the fan. Most fans produce a valid tachometer output very quickly
after the fan has been turned back on but some fans take time after being turned on before their tachometer output is
valid.
This command allows you to set a variable-length delay after the fan has been turned on before the CFA633 will
recognize transitions on the tachometer line. The delay is specified in counts, each count being nominally 552.5 µS long
(1/100 of one period of the 18 Hz PWM repetition rate).
In practice, most fans will not need the delay to be changed from the default length of 1 count. If a fan’s tachometer output
is not stable when its PWM setting is other than 100%, simply increase the delay until the reading is stable. Typically you
would (1) start at a delay count of 50 or 100, (2) reduce it until the problem reappears, and then (3) slightly increase the
delay count to give it some margin.
Setting the glitch delay to higher values will make the RPM monitoring slightly more intrusive at low power settings. Also,
the higher values will increase the lowest speed that a fan with RPM reporting enabled will seek at 0% power setting.
The Fan Glitch Delay is one of the items stored by the command 4 (0x04): Store Current State As Boot State (Pg. 39).
type = 0x1A = 2610
data_length = 4
data[0] = delay count of fan 1
data[1] = delay count of fan 2
data[2] = delay count of fan 3
data[3] = delay count of fan 4
The return packet will be:
type = 0x40 | 0x1A = 0x5A = 9010
data_length = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com