Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KS Datasheet(PDF) 31 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KS
Description  INTELLIGENT LCD MODULE
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KS Datasheet(HTML) 31 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KS Datasheet HTML 27Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 28Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 29Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 30Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 31Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 32Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 33Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 34Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 35Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1)
February 2012
Page 31
FAN CONNECTIONS
The CFA633-RDI-KS supports up to 4 standard “3-pin” cooling fans. The fan connectors are compatible with industry
standard “3-pin” fans.
Figure 13. Four Fan Connectors
The average power delivered to each fan may be set to any level between 0% and 100% through command 17 (0x11):
Set Fan Power (Pg. 45). The power setting controls the PWM duty cycle of a high-performance open-drain FET
connected between the system ground and the GND pin of each fan connector. The PWM frequency is nominally 18 Hz.
The CFA633-RDI-KS can measure the frequency of the fan's tachometer signal, and given the pulses-per-revolution,
calculate the RPM and display it on the LCD or report the information needed to calculate the RPM to the host. If a fan's
power is set to 100%, then the average frequency of each fan's tachometer signal is measured over a 1/8 second (125
ms) period of time. Each fan is measured in sequence, so updated fan speed information is available every 1/2 second
(500 ms) for each fan.
The power to a fan must be on in order for the fan's tachometer signal to be valid. If a fan is configured to report its speed
to the host, the power of the fan will be unconditionally set to 100% at the start of the 1/8 second period of time when the
CFA633-RDI-KS is measuring the frequency of the tachometer signal, overriding the PWM. The CFA633-RDI-KS will
leave the power to the fan on until the glitch delay (see command 26 (0x1A): Set Fan Tachometer Glitch Filter (Pg. 52)
has expired and two tachometer edges have been detected. The normal PWM cycle will then resume.
This technique allows the fan speed to be measured with a very minimal effect on the speed of the fan. If the fan power
is set to 100% or if the speed of the fan and length of the PWM on time are such that the speed can be measured without
stretching the PWM, then this override will not change the speed of the fan at all. If the fan power is set to some level
other than 100% and the PWM on time is short compared to the tachometer signal frequency, then the fan speed will
pulse slightly every 1/2 second due to the stretching of the PWM on time. During tachometer measuring, the maximum
width of a stretched on pulse is 1/8 second. For some fans, the result is not very noticeable, and this technique will allow
you to monitor the average speed of the fan while controlling the average power of the fan. For other fans (particularly
high torque, high RPM models) the pulsing effect may be undesirable.
c 2010
America, Inc.
Crystalfontz
//
FAN2
FAN1
J_DOW
J_PWR
TACH
GND
GND
PWR
TACH
FAN3
FAN4
PWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com