Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KS Datasheet(PDF) 4 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KS
Description  INTELLIGENT LCD MODULE
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KS Datasheet(HTML) 4 Page - Crystalfontz America, Inc.

  CFA633-RDI-KS Datasheet HTML 1Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 2Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 3Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 4Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 5Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 6Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 7Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 8Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 9Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1)
February 2012
Page 4
2010/09/28
Data Sheet version: v3.1
Changes since last revision (v3.0):
Wherever listed or shown, changed keypad dimensions from “10.5 mm” to
“12 mm” height and module overall depth with keypad from “24.10 mm” to
nominal “25.6 mm” nominal and “25.9 mm” maximum. We started this
gradual transition June 2010. See PCN 10282.
In Main Features. added “Factories have ISO certification”. Factories have
had certification for several years.
In Jumper Locations and Functions, updated information on closing and
opening jumpers.
In CHARACTER GENERATOR ROM (CGROM), corrected explanation of
how to find a code for a given character.
Expanded and improved information on power and control connections.
See CONNECTION INFORMATION, particularly ATX Power Supply
Power and Control Connections.
In command 5 (0x05): Reboot CFA633, Reset Host, or Power Off Host,
added important notes about timing of command packets.
In command 11 (0x0B): Set LCD Cursor Position, corrected from
data[0] = column (0-19 valid)
data[1] = row (0-3 valid)
to
data[0] = column (0-15 valid)
data[1] = row (0-1 valid)
This command was described correctly in Data Sheet versions published
2005-05-19 and earlier. It was described incorrectly in Data Sheet versions
published 2005-09-06 and later.
In command 12 (0x0C): Set LCD Cursor Style, added note to “3 =
blinking block plus underscore
”. “Note: This behavior is not
the same as the CFA533 series which is: blinking
underscore.
”
In command 22 (0x16): Send Command Directly to the LCD Controller,
corrected from “The LCD controller on the CFA633 is Samsung S6A0073
compatible” to “The controller on the CFA633 is a Neotec NT7070B
(HD44780 compatible)”. Controller has not changed.
In command 35 (0x23): Read GPIO Pin Levels and Configuration State,
corrected "length" returned by reply from "4" to "1".
Added more information in CARE AND HANDLING PRECAUTIONS.
In Sample Code, added Algorithm 7: For PIC18F8722 or PIC18F2685.
In addition to list above, wherever needed, made minor modifications in
text and illustrations to improve clarity.
Data Sheet Revision History (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com